Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 69Page - ATMEL Corporation AT90LS8535 Datasheet HTML 70Page - ATMEL Corporation AT90LS8535 Datasheet HTML 71Page - ATMEL Corporation AT90LS8535 Datasheet HTML 72Page - ATMEL Corporation AT90LS8535 Datasheet HTML 73Page - ATMEL Corporation AT90LS8535 Datasheet HTML 74Page - ATMEL Corporation AT90LS8535 Datasheet HTML 75Page - ATMEL Corporation AT90LS8535 Datasheet HTML 76Page - ATMEL Corporation AT90LS8535 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
73
AT90S/LS8535
1041H–11/01
ADSC will read as one as long as a conversion is in progress. When the conversion is
complete, it returns to zero. When a extended conversion precedes a real conversion,
ADSC will stay high until the real conversion completes. Writing a “0” to this bit has no
effect.
• Bit 5 – ADFR: ADC Free Running Select
When this bit is set (one), the ADC operates in Free Running Mode. In this mode, the
ADC samples and updates the data registers continuously. Clearing this bit (zero) will
terminate Free Running Mode.
• Bit 4 – ADIF: ADC Interrupt Flag
This bit is set (one) when an ADC conversion completes and the data registers are
updated. The ADC Conversion Complete interrupt is executed if the ADIE bit and the I-
bit in SREG are set (one). ADIF is cleared by hardware when executing the correspond-
ing interrupt handling vector. Alternatively, ADIF is cleared by writing a logical “1” to the
flag. Beware that if doing a read-modify-write on ADCSR, a pending interrupt can be dis-
abled. This also applies if the SBI and CBI instructions are used.
• Bit 3 – ADIE: ADC Interrupt Enable
When this bit is set (one) and the I-bit in SREG is set (one), the ADC Conversion Com-
plete interrupt is activated.
• Bits 2..0 – ADPS2..ADPS0: ADC Prescaler Select Bits
These bits determine the division factor between the XTAL frequency and the input
clock to the ADC.
ADC Data Register – ADCL
AND ADCH
When an ADC conversion is complete, the result is found in these two registers.
When ADCL is read, the ADC Data Register is not updated until ADCH is read. Conse-
quently, it is essential that both registers are read and that ADCL is read before ADCH.
Table 28. ADC Prescaler Selections
ADPS2
ADPS1
ADPS0
Division Factor
000
2
001
2
010
4
011
8
100
16
101
32
110
64
111
128
Bit
15
1413
12
1110
9
8
$05 ($25)
–––
–––
ADC9
ADC8
ADCH
$04 ($24)
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
765
432
10
Read/Write
RR
RRR
RRR
RR
RRR
RRR
Initial Value
0
0
0
0
0
0
0
0
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com