Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 37Page - ATMEL Corporation AT90LS8535 Datasheet HTML 38Page - ATMEL Corporation AT90LS8535 Datasheet HTML 39Page - ATMEL Corporation AT90LS8535 Datasheet HTML 40Page - ATMEL Corporation AT90LS8535 Datasheet HTML 41Page - ATMEL Corporation AT90LS8535 Datasheet HTML 42Page - ATMEL Corporation AT90LS8535 Datasheet HTML 43Page - ATMEL Corporation AT90LS8535 Datasheet HTML 44Page - ATMEL Corporation AT90LS8535 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 127 page
background image
41
AT90S/LS8535
1041H–11/01
up-counting and down-counting values are reached simultaneously. When the prescaler
is in use (CS12..CS10
≠ 001 or 000), the PWM output goes active when the counter
reaches TOP value, but the down-counting compare match is not interpreted to be
reached before the next time the counter reaches the TOP value, making a one-period
PWM pulse.
Note:
X = A or B
Note that in the PWM mode, the 10 least significant OCR1A/OCR1B bits, when written,
are transferred to a temporary location. They are latched when Timer/Counter1 reaches
the value TOP. This prevents the occurrence of odd-length PWM pulses (glitches) in the
event of an unsynchronized OCR1A/OCR1B write. See Figure 33 for an example.
Figure 33. Effects of Unsynchronized OCR1 Latching
During the time between the write and the latch operations, a read from OCR1A or
OCR1B will read the contents of the temporary location. This means that the most
recently written value always will read out of OCR1A/B.
When the OCR1A/OCR1B contains $0000 or TOP, the output OC1A/OC1B is updated
to low or high on the next c o mpar e match accor d ing t o the set t ings of
COM1A1/COM1A0 or COM1B1/COM1B0. This is shown in Table 16.
Table 15. Compare1 Mode Select in PWM Mode
COM1X1
COM1X0
Effect on OCX1
0
0
Not connected
0
1
Not connected
10
Cleared on compare match, up-counting. Set on compare match,
down-counting (non-inverted PWM).
11
Cleared on compare match, down-counting. Set on compare match,
up-counting (inverted PWM).
Table 16. PWM Outputs OCR1X = $0000 or TOP
COM1X1
COM1X0
OCR1X
Output OC1X
1
0
$0000
L
Counter Value
Compare Value
PWM Output OC1X
Synchronized
OCR1X Latch
Counter Value
Compare Value
PWM Output OC1X
Unsynchronized
OCR1X Latch
Glitch
Compare Value changes
Note: X = A or B
Compare Value changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com