Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHV Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # NHV
Description  High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

NHV Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  NHV Datasheet HTML 1Page - Bellnix Co.,Ltd. NHV Datasheet HTML 2Page - Bellnix Co.,Ltd. NHV Datasheet HTML 3Page - Bellnix Co.,Ltd. NHV Datasheet HTML 4Page - Bellnix Co.,Ltd. NHV Datasheet HTML 5Page - Bellnix Co.,Ltd. NHV Datasheet HTML 6Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
10,000V, 15,000V NHV Series
1
DC-DC Converter
BHV20170526_B01
The NHV series is our mid-to-high voltage DC-DC converter featuring high accuracy and low noise. Its design for
minimizing line regulation, load regulation, temperature drift and time-course drift enables highly accurate and stable
voltage to be provided. A hexahedron metal shield case ensures low noise along with a selection of a circuit suitable for
noise suppression. Output voltage is adjustable by external voltage or an external variable resistor. A built-in short-circuit
and over current protection ensure high reliability and a long life.
■ Features
・Temperature drift 50ppm/°C
・Output voltage monitor
・Time-course drift 10ppm/1min.
・Output current monitor
・Low ripple noise 100mVp-p
・Built-in short-circuit,
over current protection
・Output capacity 7W
・ON/OFF control
・Adjustable output voltage range
0 - 100%
・Reference voltage output with
high stability
・Hexahedron metal shield case
・High reliability / Long life
・Non-isolated type
■ Model/Rating
Table 1
Models
NHV Series
Input Voltage
Vdc
Output Voltage
Vdc
Output Current
μA
Input Current
mA typ.
Ripple & Noise
mVp-p typ.
NHV24-10K700P
22.8 - 25.2
0 - +10,000
0 - 700
650
100
NHV24-10K700N
22.8 - 25.2
0 - -10,000
0 - 700
650
100
NHV24-15K450P
22.8 - 25.2
0 - +15,000
0 - 450
650
100
NHV24-15K450N
22.8 - 25.2
0 - -15,000
0 - 450
650
100
■ Specifications
Table 2
Input voltage range
Refer to Table 1
Rated input voltage
24V
Rated output voltage
Refer to Table 1 (with 100% preset output voltage, Vcont voltage 10V)
Adjustable output
voltage range
Refer to Table 1
Rated output current
Refer to Table 1
Ripple noise
Refer to Table 1
Line regulation
10ppm typ. (for input voltage varying from 22.8V to 25.2V)
Load regulation
10ppm typ. (for output current varying from 50% to 100%)
Temperature regulation
50ppm/°C (for the ambient temperature varying from 0°C to +50°C)
Short-term drift
10ppm/1minute (excluding the 1H initial drift)
Long-term drift
100ppm/1hour (excluding the 1H initial drift)
Output voltage monitor
terminal
10V ±1% typ. at rated output voltage. (Output current 2mA max.)
Output current monitor
terminal
10V ±1% typ. at rated output current (Output current 2mA max.)
Reference voltage
terminal
10V ±0.1% max. (Output current 2mA max.)
Over current protection
Yes (Operates at 105% or above of rated load current. Auto restart type.)
Short-circuit protection
Yes
Thermal shutdown
Yes (Restart by reclosing after eliminating the factor)
Remote ON/OFF
Between 6pin (ON/OFF) and 3pin (S.GND): Output is ON when short, output is
OFF when open
Operating temperature
range
0°C - +50°C
Storage temperature
range
-20°C - +60°C
Humidity range
20% - 95% RH (No condensation)
Outer dimensions
W=104 L=180 H=38 mm
* The above specifications are provided with rated value, unless otherwise specified.
* The contents provided in this datasheet may be changed at any time without prior notice.


Similar Part No. - NHV

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
NHV4-0 PATLITE-NHV4-0 Datasheet
731Kb / 11P
Network Signal Tower with Voice Annunciator
Rev. H
NHV4-0-RYGBC PATLITE-NHV4-0-RYGBC Datasheet
731Kb / 11P
Network Signal Tower with Voice Annunciator
Rev. H
NHV4-0D PATLITE-NHV4-0D Datasheet
731Kb / 11P
Network Signal Tower with Voice Annunciator
Rev. H
NHV4-0D-RYGBC PATLITE-NHV4-0D-RYGBC Datasheet
731Kb / 11P
Network Signal Tower with Voice Annunciator
Rev. H
NHV4-0DN PATLITE-NHV4-0DN Datasheet
731Kb / 11P
Network Signal Tower with Voice Annunciator
Rev. H
More results

Similar Description - NHV

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660H TELCOM-TC7660H Datasheet
97Kb / 6P
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
logo
Microchip Technology
TC7660H MICROCHIP-TC7660H Datasheet
76Kb / 8P
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
2001
TCA7660 MICROCHIP-TCA7660 Datasheet
76Kb / 8P
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
2001
logo
Powerex Power Semicondu...
M57184N-715B POWEREX-M57184N-715B Datasheet
149Kb / 4P
High Voltage Input DC-to-DC Converter
logo
Maxim Integrated Produc...
MAX1708 MAXIM-MAX1708_10 Datasheet
350Kb / 14P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
Maxim Integrated Produc...
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
High Voltage Input DC-to-DC Converter
logo
Bellnix Co.,Ltd.
MHV12-180S15P BELLNIX-MHV12-180S15P Datasheet
201Kb / 4P
Ultra small size Adjustable output high voltage power supply 2.5W to 3W Mid-high voltage DC-DC converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com