Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHV Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # NHV
Description  High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

NHV Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  NHV Datasheet HTML 1Page - Bellnix Co.,Ltd. NHV Datasheet HTML 2Page - Bellnix Co.,Ltd. NHV Datasheet HTML 3Page - Bellnix Co.,Ltd. NHV Datasheet HTML 4Page - Bellnix Co.,Ltd. NHV Datasheet HTML 5Page - Bellnix Co.,Ltd. NHV Datasheet HTML 6Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High Accuracy, Low Noise Mid-to-High Voltage DC-DC Converter
10,000V, 15,000V NHV Series
2
DC-DC Converter
BHV20170526_B01
1. Scope
Specifications shall apply to NHV series.
2. Model/Rating
Model name
Rated input voltage
Rated output
Remarks
NHV24-10K700P
DC24V
+10kV,
700μA
NHV24-10K700N
DC24V
−10kV, 700μA
NHV24-15K450P
DC24V
+15kV, 450μA
NHV24-15K450N
DC24V
−15kV, 450μA
3. Environmental conditions
 Operating temperature range: 0°C - +50°C
 Storage temperature range: -
20˚C - +60˚C
 Humidity range: 20% - 95% RH (No condensation)
4. Specifications & Standards
Unless otherwise described in the following table, input shall be rated input voltage, output shall be rated
output, and ambient temperature shall be +25°C.
Item
Specifications
Condition
NHV24-
10K700P
NHV24-
10K700N
NHV24-
15K450P
NHV24-
15K450N
Input voltage range
24V ±5% (22.8V - 25.2V)
Rated input current
650mA typ.
Rated output voltage
+10kV
−10kV
+15kV
−15kV
Output voltage adjustable
range
0V
-
+10kV
0V
-
−10kV
0V
-
+15kV
0V -
−15kV
Output voltage linearity
1%
Vout=1% - 100%
Rated output current
700μA
700μA
45
0μA
45
0μA
Rated output power
7W
Output ripple noise
100mVp-p typ.
Static line regulation
10ppm typ.
Vin=24V ±5%
Static load regulation
10ppm typ.
Iout=50 - 100%
Temperature stability
50ppm/°C
0°C - +50°C
Short-term stability
10ppm/1minute
Excluding 1H initial
drift
Long-term stability
100ppm/1hour
Excluding 1H initial
drift
Output voltage control
0V - 10V
Output voltage preset accuracy
Within ±1% of theoretical output voltage value
Terminal for output voltage
monitoring
Output voltage 10V ±1% typ. (Output current 2mA
max.)
At rated output
voltage
Terminal for output current
monitoring
Output voltage 10V ±1% typ. (Output current 2mA
max.)
At rated output
current
Reference voltage terminal
Output voltage 10V ±0.1% max. (Output current
2mA max.)
Over current protection
Yes (Operates at 105% or above. Auto restart
type)
Output short-circuit protection
Yes
Thermal shutdown
Yes (Restart by reclosing after eliminating the
factor)
ON/OFF control
Yes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com