Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC7447A
Description  PowerPC microprocessor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MPC7447A Part Number Specification for the MC7447AnnnnNx Series
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
General Parameters
General Parameters
1.5.2
AC Electrical Characteristics
Table 8 provides the clock AC timing specifications for the MPC7447A part numbers described herein.
1.5.2.2
Processor Bus AC Specifications
Devices described by this part number specification conform to the processor bus AC timing specifications
provided in the MPC7447A RISC Microprocessor Hardware Specifications. Please refer to that document
for this information.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core
Frequency
Unit
Notes
1000 MHz
1167 MHz
Min
Max
Min
Max
Processor frequency
fcore
500
1000
500
1167
MHz
1, 2
VCO frequency
fVCO
1000
2000
1000
2333
MHz
1
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:4] settings must be chosen such that the
resulting SYSCLK (bus) frequency, CPU (core) frequency, and PLL (VCO) frequency do not
exceed their respective maximum or minimum operating frequencies. Refer to the
PLL_CFG[0:4] signal description in MPC7447A RISC Microprocessor Hardware Specifications,
Section 1.9.1, “PLL Configuration,” for valid PLL_CFG[0:4] settings.
2. Caution: If dynamic frequency switching (DFS) is enabled, the SYSCLK frequency and
PLL_CFG[0:4] settings must be chosen such that the resulting processor frequency is greater
than or equal to the minimum core frequency.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com