Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC7447A
Description  PowerPC microprocessor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MPC7447A Part Number Specification for the MC7447AnnnnNx Series
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Features
Features
1.2
Features
This section summarizes changes to the features of the MPC7447A described in the MPC7447A RISC
Microprocessor Hardware Specifications.
•
Power management
— 1.1-V processor core
1.4
General Parameters
•
Core power supply: 1.1 V ± 50 mV DC nominal
1.5.1
DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7447A part numbers described herein.
Table 4. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.1 V ± 50 mV
V
PLL supply voltage
AVDD
1.1 V ± 50 mV
V
2
Note:
1. These are the recommended and tested operating conditions. Proper device operation outside of these
conditions is not guaranteed.
2. This voltage is the input to the filter discussed in MPC7447A RISC Microprocessor Hardware Specifications,
Section 1.9.2, “PLL Power Supply Filtering,” and not necessarily the voltage at the AVDD pin, which may be
reduced from VDD by the filter.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com