Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X96012 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 5 Page - Intersil Corporation

  X96012 Datasheet HTML 1Page - Intersil Corporation X96012 Datasheet HTML 2Page - Intersil Corporation X96012 Datasheet HTML 3Page - Intersil Corporation X96012 Datasheet HTML 4Page - Intersil Corporation X96012 Datasheet HTML 5Page - Intersil Corporation X96012 Datasheet HTML 6Page - Intersil Corporation X96012 Datasheet HTML 7Page - Intersil Corporation X96012 Datasheet HTML 8Page - Intersil Corporation X96012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
FN8216.0
March 10, 2005
Notes: 1.
The device goes into Standby: 200 ns after any STOP, except those that initiate a nonvolatile write cycle. It goes into Standby tWC after
a STOP that initiates a nonvolatile write cycle. It also goes into Standby 9 clock cycles after any START that is not followed by the
correct Slave Address Byte.
2.
tWC is the time from a valid STOP condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It
is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
3.
For this range of V(VRef) the full scale sink mode current at I1 and I2 follows V(VRef) with a linearity error smaller than 1%.
4.
These parameters are periodically sampled and not 100% tested.
5.
TCOref = [Max V(VREF) - Min V(VREF)] x 106/(1.21V x 140°C)
VRefout
Output Voltage at VRef at
25°C
1.205
1.21
1.215
V
-20
µA ≤ I(VRef) ≤ 20 µA
RVref
VRef pin input resistance
20
40
k
Ω
VRM bit = “1”, 25°C
TCOref
Temperature coefficient
of VRef output voltage
-100
+100
ppm/°
C
See note 4 and 5.
VRef Range
Voltage range when VRef
is an input
1
1.3
V
See note 3.
TSenseRange
Temperature sensor
range
-40
100
°C
See note 4.
IR
Current from pin R1 or R2
to Vss
0
3200
µA
VPOR
Power-on reset threshold
voltage
1.5
2.8
V
VccRamp
Vcc Ramp Rate
0.2
50
mV /
µs
VADCOK
ADC enable minimum
voltage
2.6
2.8
V
See Figure 11.
ELECTRICAL CHARACTERISTICS (CONTINUED) (Conditions are as follows, unless otherwise specified)
All typical values are for 25°C ambient temperature and 5 V at pin Vcc. Maximum and minimum specifications are
over the recommended operating conditions. All voltages are referred to the voltage at pin Vss. All bits in control reg-
isters are “0”. 255
Ω, 0.1%, resistor connected between R1 and Vss, and another between R2 and Vss. 400kHz TTL
input at SCL. SDA pulled to Vcc through an external 2k
Ω resistor. 2-wire interface in “standby” (see notes 1 and 2 on
page 5). WP, A0, A1, and A2 floating. VRef pin unloaded
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com