Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X96012 Datasheet(PDF) 17 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 13Page - Intersil Corporation X96012 Datasheet HTML 14Page - Intersil Corporation X96012 Datasheet HTML 15Page - Intersil Corporation X96012 Datasheet HTML 16Page - Intersil Corporation X96012 Datasheet HTML 17Page - Intersil Corporation X96012 Datasheet HTML 18Page - Intersil Corporation X96012 Datasheet HTML 19Page - Intersil Corporation X96012 Datasheet HTML 20Page - Intersil Corporation X96012 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
FN8216.0
March 10, 2005
Figure 8. D/A Converter Block Diagram
+
-
I1 or I2 Pin
R1 or R2 Pin
R1_External or R2_External
I1DS or I2DS: bits
Vss
Vss
I1FSO[1:0]
VRef
Optional external resistor
Select
Circuit
Polarity
Vcc
Voltage
6 or 7 in Control
register 0.
Divider
DAC1 or
DAC2
Input byte
Vss
Vss
or I2FSO[1:0]
bits 1 and 0, or
3 and 2 in Control
register 5
11
10
01
00
Figure 9. Look-up Table (LUT) Operation
DAC 2
8
D0h
D0h
10Fh
8
LUT2
6
LUT2 Row
Out
D1
D0
Select
D2DAS: Bit 7 of
D2DA[7:0] : Control register 4
Selection bits
A
D
D
E
R
8
8
Input Byte
Control register 5
DAC 1
8
90h
90h
CFh
8
LUT1
6
LUT1 Row
Out
D1
D0
Select
D1DAS: Bit 5 of
D1DA[7:0] : Control register 3
Selection bits
A
D
D
E
R
8
8
Input Byte
Control register 5
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com