Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMMX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KMMX
Description  Micro Universal Serial Bus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KMMX Datasheet(HTML) 1 Page - Kycon, Inc.

  KMMX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KMMX Series
Dimensions in mm
KMMX-ABSMT5S-30TR
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0319
UNIVERSAL SERIAL BUS: KMMX Series
Micro Universal Serial Bus
Product Features
More Compact Footprint than Mini-USB
Meets the USB Implementers Forum Specification,
Which Supports USB On-The-Go (OTG)
Stainless Steel Shell, Which Yields 10,000 Insertion Cycles
Used in Portable Devices Such as Mobile Phones,
PDAs, and Digital Cameras
AB and B Types Avilable
US Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Insulator
High Temperature Thermoplastic,
Gray (AB Type) or Black (B Type) Color
Contacts
Copper Alloy, 30µ" Gold Plated on Entire Contact
Shell
Stainless Steel, Nickel Plated
Electrical Characteristics
Rated Voltage
: 5V AC (RMS Max.)
Rated Current: 1.5A
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance: 1000 Megohms Min.
Contact Resistance: 30 milliohms Max.
Operating
Temperature: See Drawing
Mounting
Option
Contact Kycon for more options
Series
KMMX - Micro Universal Serial Bus
Type
AB - AB Type, Gray Insulator
B - B Type, Black Insulator
Mounting Option
SMT5S - Surface Mount Fully Shielded,5 Pins
Insulator Color
G - Gray
B - Black
Plating Option
30 - 30
µ" Gold
Packaging
TR - Tape and Reel
Generated Part Number
Part Number Builder
Series
Insulator
Color
Plating
Option
Packaging
Option
Type
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
KMMX-ABSMT5SG-30TR
KMMX
AB
SMT5S
G
30
TR


Similar Part No. - KMMX

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KMMX-BSMT35S KYCON-KMMX-BSMT35S Datasheet
463Kb / 1P
Micro Universal Serial Bus Type B Long Through Hole Shield Tabs
KMMX-BSMT35S-B30TR KYCON-KMMX-BSMT35S-B30TR Datasheet
463Kb / 1P
Micro Universal Serial Bus Type B Long Through Hole Shield Tabs
KMMX-BSMT35S-BTR KYCON-KMMX-BSMT35S-BTR Datasheet
463Kb / 1P
Micro Universal Serial Bus Type B Long Through Hole Shield Tabs
More results

Similar Description - KMMX

ManufacturerPart #DatasheetDescription
logo
Micronas
UAC3552A MICRONAS-UAC3552A Datasheet
337Kb / 28P
Universal Serial Bus
logo
Adam Technologies, Inc.
USB-A3-S-1 ADAM-TECH-USB-A3-S-1 Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA ADAM-TECH-USB-A3-S-RA Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-1 ADAM-TECH-USB-A3-S-RA-1 Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-A ADAM-TECH-USB-A3-S-RA-A Datasheet
117Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-A-1 ADAM-TECH-USB-A3-S-RA-A-1 Datasheet
117Kb / 1P
UNIVERSAL SERIAL BUS
USB-A-S-VT-1 ADAM-TECH-USB-A-S-VT-1 Datasheet
83Kb / 1P
UNIVERSAL SERIAL BUS
USB-A-S-VT-2 ADAM-TECH-USB-A-S-VT-2 Datasheet
83Kb / 1P
UNIVERSAL SERIAL BUS
logo
Kycon, Inc.
KUSB67X-MM-CS1 KYCON-KUSB67X-MM-CS1 Datasheet
6Mb / 1P
Universal Serial Bus
KUSB67X-SMTTH-CS4 KYCON-KUSB67X-SMTTH-CS4 Datasheet
7Mb / 1P
Universal Serial Bus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com