Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3189 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 9Page - Analog Devices ADP3189 Datasheet HTML 10Page - Analog Devices ADP3189 Datasheet HTML 11Page - Analog Devices ADP3189 Datasheet HTML 12Page - Analog Devices ADP3189 Datasheet HTML 13Page - Analog Devices ADP3189 Datasheet HTML 14Page - Analog Devices ADP3189 Datasheet HTML 15Page - Analog Devices ADP3189 Datasheet HTML 16Page - Analog Devices ADP3189 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADP3189
Rev. 0 | Page 13 of 36
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3189 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure 6. To determine the frequency per
phase, the clock is divided by the number of phases in use. If
all phases are in use, divide by 5. If PWM5 is tied to VCC, then
divide the master clock by 4 for the frequency of the remaining
phases. If PWM4 and PWM5 are tied to VCC, then divide by 3.
If PWM3, PWM4, and PWM5 are tied to VCC, then divide
by 2.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3189 combines differential sensing with a high
accuracy VID DAC and reference and a low offset error ampli-
fier. This maintains a worst-case specification of ±7.7 mV
differential sensing error over its full operating output voltage
and temperature range. The output voltage is sensed between
the FB pin and FBRTN pin. FB should be connected through
a resistor to the regulation point, usually the remote sense pin
of the microprocessor. FBRTN should be connected directly
to the remote sense ground point. The internal VID DAC
and precision reference are referenced to FBRTN, which has
a minimal current of 125 μA to allow accurate remote sensing.
The internal error amplifier compares the output of the DAC
to the FB pin to regulate the output voltage.
OUTPUT CURRENT SENSING
The ADP3189 provides a dedicated current-sense amplifier
(CSA) to monitor the total output current for proper voltage
positioning vs. load current and for current-limit detection.
Sensing the load current at the output gives the total average
current being delivered to the load, which is an inherently more
accurate method than peak current detection or sampling the
current across a sense element such as the low-side MOSFET.
This amplifier can be configured several ways, depending on
the objectives of the system, as follows:
•
Output inductor DCR sensing without a thermistor for
lowest cost.
•
Output inductor DCR sensing with a thermistor for
improved accuracy with tracking of inductor temperature.
•
Sense resistors for highest accuracy measurements.
The positive input of the CSA is connected to the CSREF pin,
which is connected to the output voltage. The inputs to the
amplifier are summed together through resistors from the
sensing element, such as the switch node side of the output
inductors, to the inverting input, CSSUM. The feedback resistor
between CSCOMP and CSSUM sets the gain of the amplifier,
and a filter capacitor is placed in parallel with this resistor. The
gain of the amplifier is programmable by adjusting the feedback
resistor.
An additional resistor divider connected between CSREF and
CSCOMP, with the mid point connected to LLSET, can be used
to set the load line required by the microprocessor. The current
information is then given as CSREF – LLSET. This difference
signal is used internally to offset the VID DAC for voltage
positioning. The difference between CSREF and CSCOMP
is then used as a differential input for the current-limit
comparator. This allows for the load line to be set independ-
ently of the current-limit threshold. In the event that the
current limit threshold and load line are not independent,
the resistor divider between CSREF and CSCOMP can be
removed and the CSCOMP pin can be directly connected
to LLSET. To disable voltage positioning entirely (that is,
no load line) connect LLSET to CSREF.
To provide the best accuracy for sensing current, the CSA is
designed to have a low offset input voltage. Also, the sensing
gain is determined by external resistors, so that it can be made
extremely accurate.
ACTIVE IMPEDANCE CONTROL MODE
For controlling the dynamic output voltage droop as a function
of output current, a signal proportional to the total output current
at the LLSET pin can be scaled to be equal to the droop imped-
ance of the regulator times the output current. This droop voltage
is then used to set the input control voltage to the system. The
droop voltage is subtracted from the DAC reference input voltage
directly to tell the error amplifier where the output voltage should
be. This allows enhanced feed-forward response.
CURRENT CONTROL MODE AND THERMAL
BALANCE
The ADP3189 has individual inputs (SW1 to SW5) for each
phase, which are used for monitoring the current of each phase.
This information is combined with an internal ramp to create
a current balancing feedback system that has been optimized
for initial current balance accuracy and dynamic thermal
balancing during operation. This current balance information
is independent of the average output current information used
for positioning as described in the Output Current Sensing
section.
The magnitude of the internal ramp can be set to optimize the
transient response of the system. It also monitors the supply volt-
age for feed-forward control for changes in the supply. A resistor
connected from the power input voltage to the RAMPADJ pin
determines the slope of the internal PWM ramp. External
resistors can be placed in series with individual phases to
create an intentional current imbalance if desired, such as
when one phase has better cooling and can support higher
currents. Resistors RSW1 through RSW5 (see the Typical
Application Circuit in Figure 11) can be used for adjusting
thermal balance. It is best to have the ability to add these
resistors during the initial design, so ensure that placeholders
are provided in the layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com