Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7413ZPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7413ZPBF
Description  Control FET for Notebool Processor Power, Control and Synchronous Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7413ZPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7413ZPBF Datasheet HTML 1Page - International Rectifier IRF7413ZPBF Datasheet HTML 2Page - International Rectifier IRF7413ZPBF Datasheet HTML 3Page - International Rectifier IRF7413ZPBF Datasheet HTML 4Page - International Rectifier IRF7413ZPBF Datasheet HTML 5Page - International Rectifier IRF7413ZPBF Datasheet HTML 6Page - International Rectifier IRF7413ZPBF Datasheet HTML 7Page - International Rectifier IRF7413ZPBF Datasheet HTML 8Page - International Rectifier IRF7413ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7413ZPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
8.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
8.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 10V
20µs PULSE WIDTH
-60 -40 -20 0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 13A
VGS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com