Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7413ZPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7413ZPBF
Description  Control FET for Notebool Processor Power, Control and Synchronous Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7413ZPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7413ZPBF Datasheet HTML 1Page - International Rectifier IRF7413ZPBF Datasheet HTML 2Page - International Rectifier IRF7413ZPBF Datasheet HTML 3Page - International Rectifier IRF7413ZPBF Datasheet HTML 4Page - International Rectifier IRF7413ZPBF Datasheet HTML 5Page - International Rectifier IRF7413ZPBF Datasheet HTML 6Page - International Rectifier IRF7413ZPBF Datasheet HTML 7Page - International Rectifier IRF7413ZPBF Datasheet HTML 8Page - International Rectifier IRF7413ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF7413ZPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
1.8556
0.000337
2.4927
0.012752
25.570
0.691000
20.340
21.90000
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com