Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCB2012 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HCB2012
Description  High Current Ferrite Chip Bead(Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HCB2012 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HCB2012 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HCB2012 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Part Number
Impedance (Ω)
Test Frequency
(MHz)
DC Resistance
(Ω) max.
Rated Current
(mA) max.
HCB2012KF-300T30
30±25%
100
0.04
3000
HCB2012KF-800T30
80±25%
100
0.04
3000
HCB2012KF-121T20
120±25%
100
0.10
2000
HCB2012KF-151T20
150±25%
100
0.10
2000
HCB2012KF-221T20
220±25%
100
0.10
2000
HCB2012KF-301T10
300±25%
100
0.20
1000
HCB2012KF-471T10
470±25%
100
0.20
1000
HCB2012KF-601T10
600±25%
100
0.20
1000
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
1. Features
2. Dimensions
3. Part Numbering
4. Specification
HCB
2012
KF
-
121
T
20
A
B
C
D
EF
A: Series
B: Dimension
L x W
C: Material
Lead Free Material
D: Impedance
121=120Ω
E: Packaging
T=Taping and Reel, B=Bulk(Bags)
F: Rated Current
20=2000mA
Chip Size
A
2.00±0.20
B
1.25±0.20
C
0.85±0.20
D
0.50±0.30
Units: mm
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. Suitable for reflow soldering.
4. Shapes and dimensions follow E.I.A. spec.
5. Available in various sizes.
6. Excellent solder ability and heat resistance.
7. High reliability.
8. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
9. Low DC resistance structure of electrode to prevent wasteful electric power consumption.
10. Operating Temperature:-55~+125℃(Including self-temperature rise)
High Current Ferrite Chip Bead(Lead Free)
HCB2012-Series
Halogen-free
Halogen


Similar Part No. - HCB2012

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
HCB2012K-121T10 TAI-TECH-HCB2012K-121T10 Datasheet
768Kb / 9P
High Current Ferrite Chip Bead HCB Series Ferrite Chip Bead Offer High Frequency Noise Suppression in High Current DC Power Lines.
HCB2012K-121T20 TAI-TECH-HCB2012K-121T20 Datasheet
768Kb / 9P
High Current Ferrite Chip Bead HCB Series Ferrite Chip Bead Offer High Frequency Noise Suppression in High Current DC Power Lines.
HCB2012K-151T20 TAI-TECH-HCB2012K-151T20 Datasheet
768Kb / 9P
High Current Ferrite Chip Bead HCB Series Ferrite Chip Bead Offer High Frequency Noise Suppression in High Current DC Power Lines.
HCB2012K-221T10 TAI-TECH-HCB2012K-221T10 Datasheet
768Kb / 9P
High Current Ferrite Chip Bead HCB Series Ferrite Chip Bead Offer High Frequency Noise Suppression in High Current DC Power Lines.
HCB2012K-221T20 TAI-TECH-HCB2012K-221T20 Datasheet
768Kb / 9P
High Current Ferrite Chip Bead HCB Series Ferrite Chip Bead Offer High Frequency Noise Suppression in High Current DC Power Lines.
More results

Similar Description - HCB2012

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP41 TAI-TECH-MBP41 Datasheet
74Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP21 TAI-TECH-MBP21 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP18 TAI-TECH-MBP18 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP15 TAI-TECH-MBP15 Datasheet
76Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com