Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCB2012 Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # HCB2012
Description  High Current Ferrite Chip Bead(Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

HCB2012 Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  HCB2012 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. HCB2012 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Impedance Frequency Characteristics(Typical)
110
100
1000
FREQUENCY(MHz)
0
10
20
30
40
50
60
HCB2012KF-300T30
Z
R
X
110
100
1000
FREQUENCY(MHz)
0
40
80
120
160
200
HCB2012KF-800T30
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
HCB2012KF-121T20
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
HCB2012KF-151T20
Z
R
X
110
100
1000
FREQUENCY(MHz)
0
200
400
600
HCB2012KF-221T20
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
HCB2012KF-301T10
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
HCB2012KF-471T10
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
HCB2012KF-601T10
Z
R
X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com