Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOU310 Datasheet(PDF) 1 Page - Schneider Electric

Part # QOU310
Description  QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOU310 Datasheet(HTML) 1 Page - Schneider Electric

  QOU310 Datasheet HTML 1Page - Schneider Electric QOU310 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QOU310
QOU Miniature Circuit Breaker, 10A, 3P, 240V,
10kA
Product availability : Stock - Normally stocked in distribution facility
Price** : 285.00 USD
Main
Product or component type
Miniature circuit-breaker
Range of product
QOU
Circuit breaker type
Standard
Complementary
Line Rated Current
10 A
Number of Poles
3P
Interrupt Rating
10 kA 120/240 V AC
10 kA 240 V AC
10 kA 120 V AC
5 kA 48 V DC
Electrical connection
Slotted box lugs, line side
Slotted box lugs, load side
[Ue] rated operational voltage
120/240 V AC
240 V AC
120 V AC
48 V DC
Mounting mode
Unit mount
AWG gauge
AWG 14...AWG 2 aluminium/copper
Height
4.05 in (102.87 mm)
Depth
2.95 in (74.93 mm)
Width
2.25 in (57.15 mm)
Tightening torque
5.08 N.m (45 lbf.in) AWG 14...AWG 2)
Environment
Product certifications
UL listed
CSA
IEC
Feb 21, 2020
1


Similar Part No. - QOU310

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU31001021 SCHNEIDER-QOU31001021 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
QOU31001042 SCHNEIDER-QOU31001042 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
QOU31001200 SCHNEIDER-QOU31001200 Datasheet
98Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Aux Switch
QOU31007100 SCHNEIDER-QOU31007100 Datasheet
113Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Lock-Off
QOU3101200 SCHNEIDER-QOU3101200 Datasheet
140Kb / 2P
QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA, Aux Switch
More results

Similar Description - QOU310

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU315 SCHNEIDER-QOU315 Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 15A, 3P, 240V, 10kA
QOU320 SCHNEIDER-QOU320 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
Feb 21, 2020
QOU325 SCHNEIDER-QOU325 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
Feb 21, 2020
QOU335 SCHNEIDER-QOU335 Datasheet
147Kb / 2P
QOU Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
Feb 21, 2020
QOU350 SCHNEIDER-QOU350 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 50A, 3P, 240V, 10kA
Feb 21, 2020
QOU380 SCHNEIDER-QOU380 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020
QOU390 SCHNEIDER-QOU390 Datasheet
103Kb / 2P
QOU Miniature Circuit Breaker, 90A, 3P, 240V, 10kA
Feb 21, 2020
QOU3105283 SCHNEIDER-QOU3105283 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA, Ring Terminal
Feb 21, 2020
QOUR3105283 SCHNEIDER-QOUR3105283 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA, Ring Terminal
Mar 2, 2020
QOU3101200 SCHNEIDER-QOU3101200 Datasheet
140Kb / 2P
QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA, Aux Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com