Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1373LKB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1373LKB Datasheet HTML 1Page - Allegro MicroSystems A1373LKB Datasheet HTML 2Page - Allegro MicroSystems A1373LKB Datasheet HTML 3Page - Allegro MicroSystems A1373LKB Datasheet HTML 4Page - Allegro MicroSystems A1373LKB Datasheet HTML 5Page - Allegro MicroSystems A1373LKB Datasheet HTML 6Page - Allegro MicroSystems A1373LKB Datasheet HTML 7Page - Allegro MicroSystems A1373LKB Datasheet HTML 8Page - Allegro MicroSystems A1373LKB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
QUIESCENT OUTPUT VOLTAGE PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Quiescent Output Voltage Range
VOUT(Q)LOW
B = 0 G, TA = 25°C
0.7
–
1.9
V
VOUT(Q)MID
2.0
–
3.2
V
VOUT(Q)HIGH
3.5
–
4.5
V
Average Quiescent Output Voltage
Step Size4,5,6
StepVOUT(Q)
TA = 25°C
3.0
3.275
3.5
mV
Quiescent Output Voltage
Programming Resolution
ErrPROGVOUT(Q)
Fine programming value selection
accuracy
–
±0.5 ×
StepVOUT(Q)
–mV
Quiescent Output Voltage Drift
Over Operating Temperature
Range
ΔVOUT(Q)
VOUT(Q) = VOUT(Q)LOW
–
–
±40
mV
VOUT(Q) = VOUT(Q)MID
–
–
±40
mV
VOUT(Q) = VOUT(Q)HIGH
–
–
±55
mV
Quiescent Output Voltage
Programming Bits
–
Coarse (Range selection)
–
2
–
Bit
Fine (Value selection)
–
9
–
Bit
10% Output Clamp Option7
VOUTCLP10HIGH
A1373
High-side output clamp
4.350
–
4.565
V
A1374
4.300
–
4.650
V
VOUTCLP10LOW
A1373
Low-side output clamp
0.4
–
0.6
V
A1374
0.3
–
0.6
V
20% Output Clamp Option7
VOUTCLP20HIGH
A1373
High-side output clamp
3.925
–
4.125
V
A1374
3.900
–
4.200
V
VOUTCLP20LOW
A1373
Low-side output clamp
0.9
–
1.1
V
A1374
0.8
–
1.1
V
Delay to Clamp
tCLP
A1373
–
–
2
μs
A1374
–
–
100
μs
SENSITIVITY PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Sensitivity Range8
SensLOW
TA = 25°C
1.75
–
2.8
mV/G
SensMID
3.5
–
5.7
mV/G
SensHIGH
7.0
–
11.25
mV/G
Average Sensitivity Step Size4,5,6
StepSENSLOW
TA = 25°C
6
9.5
14
μV/G
StepSENSMID
12
18.7
28
μV/G
StepSENSHIGH
22
37.0
56
μV/G
Sensitivity
Programming
Resolution
ErrPROGSENS
Fine programming value selection
accuracy
–
±0.5 ×
StepSENS
–
μV/G
Sensitivity
Programming Bits
–
Coarse (Range selection)
–
2
–
Bit
Fine (Value selection)
–
8
–
Bit
POLARITY PROGRAMMING
Polarity
Programming Bit
–
Negative Sensitivity
–
1
–
Bit
CHARACTERISTIC PARAMETERS (continued)
Continued on the next page...
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com