Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1373LKB Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 15Page - Allegro MicroSystems A1373LKB Datasheet HTML 16Page - Allegro MicroSystems A1373LKB Datasheet HTML 17Page - Allegro MicroSystems A1373LKB Datasheet HTML 18Page - Allegro MicroSystems A1373LKB Datasheet HTML 19Page - Allegro MicroSystems A1373LKB Datasheet HTML 20Page - Allegro MicroSystems A1373LKB Datasheet HTML 21Page - Allegro MicroSystems A1373LKB Datasheet HTML 22Page - Allegro MicroSystems A1373LKB Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
This example demonstrates the programming of the devices by
setting the register for Sensitivity Temperature Coefficient to
00110.
1. Power-on the system. This will reset the unprogrammed bits
in all registers to 0. The device enters the Initial state.
2. Send one VPH pulse to enter the Mode Selection state.
3. Send one VPL pulse to select Try Value mode.
4. Send one VPH pulse to enter the Register Selection state.
5. Send four VPL pulses to select the TC register.
6. Send one VPH pulse to enter Bitfield Selection state (Write
mode). The TC register is reset to 00000 (assuming all of
those bitfields have intact fuses).
7. Send five VPL pulses to set bitfields 0 and 2 (00101).
Now we can measure the device output to see if this is the
desired value. We may find that the value we programmed is not
correct. So we will proceed to change it, as follows:
8. Send one VPL pulse to increase the code to 6 (setting bitfields
1 and 2: 00110).
We measure the device and find that this is the correct TC we
require. We are finished with trying values, and now want to set
the value permanently. In the following steps, remember that
blowing fuses is done one bit at a time.
9. Send one VPH pulse to exit Bitfield Selection mode. (The
device returns to the Mode Selection state.)
10. RESET the device by powering it off and on.
11. Send one VPH pulse to enter the Mode Selection state.
12. Send two VPL pulses to select Blow Fuse mode.
Programming Example
13. Send one VPH pulse to enter the Register Selection state.
14. Send four VPL pulses to select the TC register.
15. Send one VPH pulse to enter Bitfield Selection state (Write
Mode). The TC register is reset to 00000.
16. Send four VPL pulses to set bit 2 (00100, decimal 4).
17. Send one VPH pulse to exit Bitfield Selection state. The
bitfield fuse is blown, and the device returns to the Mode
Selection state.
One of the two bitfields is programmed. Now we program the
other bitfield.
18. Repeat steps 10 to 15 to select the TC register again. This
time, however, the register resets to 00100, because bit 2 has
been permanently set.
19. Send two VPL pulses to set bit 1 (00010, decimal 2).
20. Send one VPH pulse to exit Bitfield Selection state. The
bitfield fuse is blown, and the device returns to the Mode
Selection state.
After repeating the above steps to program all parameters, we
can lock the device:
21. RESET the device by powering it off and on.
22. Send one VPH pulse to enter the Mode Selection state.
23. Send three VPL pulses to select Lock Device mode.
24. Send one VPH pulse to enter the Bitfield Selection state. (We
do not need to select a register for locking the device).
25. Send one VPL pulse to set the Lock bit to 1.
26. Send one VPH pulse to exit Bitfield Selection state. The
bitfield fuse is blown, and the device returns to the Mode
Selection state.
27. Programming the device is complete. Optionally, test the
results, or power-off the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com