Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7D Datasheet(PDF) 96 Page - STMicroelectronics

Part # STV82X7D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7D Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STV82X7D Datasheet HTML 92Page - STMicroelectronics STV82X7D Datasheet HTML 93Page - STMicroelectronics STV82X7D Datasheet HTML 94Page - STMicroelectronics STV82X7D Datasheet HTML 95Page - STMicroelectronics STV82X7D Datasheet HTML 96Page - STMicroelectronics STV82X7D Datasheet HTML 97Page - STMicroelectronics STV82X7D Datasheet HTML 98Page - STMicroelectronics STV82X7D Datasheet HTML 99Page - STMicroelectronics STV82X7D Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 149 page
background image
Register List
STV82x7
96/149
DOWNMIX_OUT_MODE
Register Description
Address:A7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
HP_MODE[1:0]
SCART_MODE[1:0]
LS_OUT_MODE[2:0]
Bit Name
Reset
Function
Bit 7
0
Reserved.
HP_MODE[1:0]
10
see Table 24
SCART_MODE[1:0]
01
see Table 24
LS_OUT_MODE [2:0] 010
see Table 25
Table 24: DownMix SCART/HP modes
Parameter Coding
(Decimal Format)
Parameter Field Label
Function
0
MIX_VCR_OFF
Switch off the VCR table setup
1
MIX_VCR_PROLOGIC
VCR table setup for Tape outputs (for later
decoding by a Dolby Prologic decoder - Lt,Rt)
2
MIX_VCR_STEREO
VCR table setup for Stereo and headphone
listening (Lo,Ro)
3
MIX_COSTOM
reserved
Table 25: DownMix LS OUT modes
Parameter Coding
(Decimal Format)
Parameter Field Label
Function
0
MODE20t
2/0 Dolby Surround (Lt,Rt)
1MODE10
1/0 (C)
2
MODE20
2/0 (L,R)
3
MODE30
3/0 (L,R,C)
4
MODE21
2/1 (L,R,S)
5
MODE31
3/1 (L,R,C,S)
6
MODE22
2/2 (L,R,Ls,Rs)
7
MODE32
3/2 (L,R,C,Ls,Rs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com