Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7D Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV82X7D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV82X7D Datasheet HTML 10Page - STMicroelectronics STV82X7D Datasheet HTML 11Page - STMicroelectronics STV82X7D Datasheet HTML 12Page - STMicroelectronics STV82X7D Datasheet HTML 13Page - STMicroelectronics STV82X7D Datasheet HTML 14Page - STMicroelectronics STV82X7D Datasheet HTML 15Page - STMicroelectronics STV82X7D Datasheet HTML 16Page - STMicroelectronics STV82X7D Datasheet HTML 17Page - STMicroelectronics STV82X7D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 149 page
background image
General Description
STV82x7
14/149
1.3
Pin Descriptions and Application Diagrams
● AP
= Analog Power
● DP
= Digital Power
● I= Input
● O
= Output
● OD
= Open-Drain
● B
= Bi-Directional
● A
= Analog
Table 3: TQFP80 Pin Description (Sheet 1 of 3)
Pin
No.
STV82x7
Pin Name
Type
(STV82x7)
Function for STV82x7
(Function for STV82x6 in italic characters)
STV82x6
Pin Name
1
SC1_OUT_L
A
SCART1 Audio Output Left
AO1L
2
SC1_OUT_R
A
SCART1 Audio Output Right
AO1R
3
VCC_H
AP
8V Power for Audio I/O & ESD
Not connected
4
GND_H
AP
High Current Ground for Audio Outputs
Connected to Ground
5
SC3_OUT_L
A
SCART3 Audio Output Left
Not connected
6
SC3_OUT_R
A
SCART3 Audio Output Right
Not connected
7
VCC33_SC
AP
3.3V Power for Audio Buffers & DAC / ADC
VDDC
8
GND33_SC
AP
Ground for Audio Buffers & DAC / ADC
GNDC
9
SC1_IN_L
A
SCART1 Audio Input Left
AI1L
10
SC1_IN_R
A
SCART1 Audio Input Right
AI1R
11
VREFA
A
Audio Bias Voltage Decoupling 1.55V
(Switched VREF decoupling pin for Audio Converters
(VMCP))
VMC1
12
GND_SA
AP
Ground for DACs
Connected to Ground
13
VBG
A
Bandgap Voltage Reference Decoupling 1.2V
(VREF decoupling pin for Audio Converters (VMC))
VMC2
14
SC2_IN_L
A
SCART2 Audio Input Left
AI2L
15
SC2_IN_R
A
SCART2 Audio Input Right
AI2R
16
VCC33_LS
AP
3.3V Power for Audio DACs
(3.3V Power Supply for Audio Buffers and SCART)
VDDA
17
GND33_LS
AP
Ground for Audio DACs
(Ground for Audio Buffers and SCART)
GNDAH
18
SC2_OUT_L
A
SCART2 Audio Output Left
AO2L
19
SC2_OUT_R
A
SCART2 Audio Output Right
AO2R
20
VCC_NISO
AP
Polarization of the NISO (connected to 3.3V)
(8V / 5V Power supply for SCART & Audio buffers)
VDDH
21
VSS33_CONV
AP
Ground for DAC 1.8 to 3.3V Converters
Connected to Ground
22
VDD33_CONV
AP
3.3V Power for DAC 1.8 to 3.3V Converters
(Voltage Reference for Audio buffers)
VREFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com