Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7D Datasheet(PDF) 138 Page - STMicroelectronics

Part # STV82X7D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7D Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STV82X7D Datasheet HTML 134Page - STMicroelectronics STV82X7D Datasheet HTML 135Page - STMicroelectronics STV82X7D Datasheet HTML 136Page - STMicroelectronics STV82X7D Datasheet HTML 137Page - STMicroelectronics STV82X7D Datasheet HTML 138Page - STMicroelectronics STV82X7D Datasheet HTML 139Page - STMicroelectronics STV82X7D Datasheet HTML 140Page - STMicroelectronics STV82X7D Datasheet HTML 141Page - STMicroelectronics STV82X7D Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 149 page
background image
Electrical Characteristics
STV82x7
138/149
13.14 I2S Bus Interface
See timing for I2s on page 41.
Figure 28: I²C Bus Timing
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
I²S Input
VI2S_IL
Input I2S Low Level Voltage
0.8
V
VI2S_IH
Input I2S High Level Voltage
2V
ZI2S
Input I2S Impedance
5pF
II2S_Leak
I2S Leakage Current
-1
1
µA
tI2S_Su
I2S Input Setup Time before
Rising Edge of Clock
See Figure 29
30
ns
tI2S_Ho
I2S Input Hold Time after
Rising Edge of Clock
See Figure 29
100
ns
fI2S_LR0
I2S Left Right Strobe Input
Frequency (I2S_DATA0 only)
deviation =+-250ppm
8
48
KHz
fI2S_SCL0
I2S Serial Clock Input
Frequency (I2S_DATA0 only)
0.512
3.072
MHz
fI2S_LR
I2S Left Right Strobe Input
Frequency (I2S_DATA0,1 ,2)
deviation =+-250ppm
32
48
KHz
fI2S_SCL
I2S Serial Clock Input
Frequency (I2S_DATA0 ,1,2)
2.048
3.072
MHz
RI2S_SCL
I2S Serial Clock Input Ratio
0.9
1.1
I2S Output (I2S_DATA0 only)
VI2SOL
Output I2S Low Level Voltage
IOL = 2 mA
0.4
V
VI2SOH
Output I2S High Level voltage
IOH = 2 mA
2.4
V
fI2S_OLR
I2S Left Right Strobe Output
Frequency
deviation =+-250ppm
8
48
KHz
tBUF
tLOW
tHIGH
tHD,STA
tR
tF
tSU,STA
tHD,DAT
tSU,DAT
tSU,STO
SDA
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com