Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # KSC
Description  KNX LINE Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

KSC Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  KSC Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. KSC Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. KSC Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
not allowed
not allowed
Backbone
Area
Line 1
Line 2
Made in
EU
■ Description
KNX TP Line coupler/Repeater
Telegram filtering function
Long messages support up to 240 byte APDU
Trace the subline traffic
Diagnostic functions
Manual function
3 year warranty
s
Office lighting
Smart home lighting
Luxury villas lighting
LED indoor lighting
Building automation
■ Features
■ Applications
KSC series
KNX LINE Coupler
Data secure
(KSC-02L only)
■ Order Information
KSC-01L
+
+
-
-
+
+
-
-
KSC-01L
+
+
-
-
+
+
-
-
KSC-01L
+
+
-
-
+
+
-
-
The KNX TP Media Coupler KSC works as a KNX line/area coupler to provide a bi-directional data
connection between two KNX TP lines/areas. KNX TP main line and KNX TP subline are coupled
having a galvanic isolation in between. Using the TP Coupler application, KSC can be used as a
KNX TP line coupler to connect several KNX TP lines but also as a KNX TP area coupler to connect
several TP areas or different KNX TP installation systems via a TP Backbone. Telegram filtering is
accomplished according to the installation place in the hierarchy and according to the built-in filter
tables for group communication. For detailed diagnosis all operational modes/states are shown by
a duo-LED display. Using the TP Repeater application, KSC is able to extend a KNX TP line
providing unfiltered data transfer and galvanic isolation between segments. Up to four-line
segments can form a single KNX TP line by connecting three KSC line repeaters. Each line
segment requires its own KNX bus power supply unit. To ease commissioning and troubleshooting
File Name:KSC series-SPEC 2019-07-24
KSC-01L
TP Coupler
TP Coupler
TP Coupler
TP Coupler
TP Coupler
TP Coupler
main
main
main
main
main
main
sub
sub
sub
sub
sub
sub
KSC-01L
KSC-01L
+
+
+
+
+
+
-
-
-
-
-
-
+
+
+
+
+
+
-
-
-
-
-
-
Model No.
KSC-01L
KNX classic TP Line coupler/Repeater
Function
Note
In Stock
KSC-02L
KNX Secure Line coupler/Repeater
By request


Similar Part No. - KSC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC ITT-KSC Datasheet
316Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC CK-COMPONENTS-KSC Datasheet
295Kb / 7P
Sealed Tact Switch for SMT
logo
Lumberg
KSC LUMBERG-KSC Datasheet
441Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
C&K Components
KSC CK-COMPONENTS-KSC Datasheet
423Kb / 3P
Sealed Tact Switch for SMT
logo
List of Unclassifed Man...
KSC-31 ETC2-KSC-31 Datasheet
1Mb / 2P
Compact VHF/UHF FM Portable Radios
More results

Similar Description - KSC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJC-88-XB ADAM-TECH-MTJC-88-XB Datasheet
97Kb / 1P
TELEPHONE JACK COUPLER TELEPHONE LINE CORD COUPLER
logo
Mean Well Enterprises C...
KSR-01IP MEANWELL-KSR-01IP Datasheet
102Kb / 3P
KNX IP Router
KAA-8R MEANWELL-KAA-8R Datasheet
177Kb / 7P
KNX Universal Actuator
KSR MEANWELL-KSR Datasheet
104Kb / 3P
KNX IP Router
logo
Marki Microwave
CA-18 MARKIMICROWAVE-CA-18 Datasheet
348Kb / 2P
AIR-LINE DIRECTIONAL COUPLER
CA-26 MARKIMICROWAVE-CA-26 Datasheet
281Kb / 2P
AIR-LINE DIRECTIONAL COUPLER
CA-50 MARKIMICROWAVE-CA-50 Datasheet
419Kb / 2P
AIR-LINE DIRECTIONAL COUPLER
logo
WAGO Kontakttechnik Gmb...
750-889 WAGO-750-889 Datasheet
715Kb / 17P
Controller KNX IP
logo
Mean Well Enterprises C...
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
KAA-8R-S MEANWELL-KAA-8R-S Datasheet
764Kb / 8P
KNX Universal Actuator
2022-07-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com