Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # KSC
Description  KNX LINE Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

KSC Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  KSC Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. KSC Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. KSC Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
MODEL
MAIN LINE
INTERFACE
INPUT VOLTAGE
CURRENT CONSUMPTION
SUB LINE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
DIMENSION
MTBF
PROTECTION TYPE
SAFETY STANDARDS
KNX STANDARDS
EMC EMISSION
EMC IMMUNITY
POLLUTION DEGREE
KNX Protocol
21~30VDC(KNX TP bus)
36*90*71mm (W*H*D)
100K hrs min.
IP20 according to IEC60529
EAC TP TC 004 approved; Compliance to EN60669
ISO/IEC 14543-3, EN50090, EN13321-1
Compliance to EN50491-5, EN61000-6, EAC TP TC 020
Compliance to EN61000-4-2,3,4,5,6,11, EAC TP TC 020
2 according to IEC60664-1
<10mA(KNX mainTP line)
KNX Protocol
21~30VDC(KNX TP bus)
Various color see mechnical specification part
KSC series
ENVIRONMENT
OTHERS
INPUT VOLTAGE
LED INDICATOR
INTERFACE
PACKING
DIN RAIL MOUNTING
0.076Kg 1
; pcs
35 mm rail; 2 units wide
-5 ~ +45
℃
20 ~ 90% RH non-condensing
-20 ~ +60
, 5 ~ 93% RH non-condensing
℃
KSC series
KNX LINE Coupler
File Name:KSC series-SPEC 2019-07-24
SAFETY &
EMC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com