Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHP201208FA-R33M Datasheet(PDF) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP201208FA-R33M
Description  Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP201208FA-R33M Datasheet(HTML) 3 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP201208FA-R33M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 6Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-TECH
www.tai-tech.com.tw
P4
6. Reliability and Test Condition
Item
Performance
Test Condition
Operating temperature
-40~+125℃ (Including self - temperature rise)
Storage temperature
-40~+125℃ (on board)
Electrical Performance Test
Inductance
Refer to standard electrical characteristics list.
HP4284A,CH11025,CH3302,CH1320,CH1320S
LCR Meter.
DCR
CH16502,Agilent33420A Micro-Ohm Meter.
Saturation Current (Isat)
△L≦30% typical.
Saturation DC Current (Isat) will cause L0
to drop △L(%)(keep quickly).
Heat Rated Current (Irms)
Approximately △T≦40℃
Heat Rated Current (Irms) will cause the coil temperature rise
△T(℃) without core loss.
1.Applied the allowed DC current(keep 1 min.).
2.Temperature measured by digital surface thermometer
Reliability Test
Life Test
Appearance:No damage.
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:within ±15% of initial value and shall not
exceed the specification value
Preconditioning: Run through IR reflow for 2 times.( IPC/JEDEC
J-STD-020DClassification Reflow Profiles)
Temperature
: 125±2℃(Inductor)
Applied current
:rated current
Duration
:1000±12hrs
Measured at room temperature after placing for 24±2 hrs
Load Humidity
Preconditioning: Run through IR reflow for 2 times.( IPC/JEDEC
J-STD-020DClassification Reflow Profiles
Humidity
:85±2﹪R.H,
Temperature
:85℃±2℃
Duration
:1000hrs Min. with 100% rated current
Measured at room temperature after placing for 24±2 hrs
Moisture Resistance
Preconditioning: Run through IR reflow for 2 times.( IPC/JEDEC
J-STD-020DClassification Reflow
Profiles
1. Baked at50℃ for 25hrs, measured at room temperature after
placing for 4 hrs.
2. Raise temperature to 65±2℃ 90-100%RH in 2.5hrs, and
keep 3 hours, cool down to 25℃ in 2.5hrs.
3. Raise temperature to 65±2℃ 90-100%RH in 2.5hrs, and
keep 3 hours, cool down to 25℃ in
2.5hrs,keep at 25℃ for 2 hrs then keep at -10℃ for 3 hrs
4. Keep at 25℃ 80-100%RH for 15min and vibrate at the
frequency of 10 to 55 Hz to 10 Hz, measure at
room temperature after placing for 1~2 hrs.
Thermal
shock
Preconditioning: Run through IR reflow for 2 times.( IPC/JEDEC
J-STD-020DClassification
Reflow Profiles
Condition for 1 cycle
Step1
:-40±2℃ 30±5min
Step2
:25±2℃ ≦0.5min
Step3
:125±2℃ 30±5min
Number of cycles
: 500
Measured at room temperature after placing for 24±2 hrs
Vibration
Oscillation Frequency: 10Hz~2KHz~10Hz for 20 minute
Equipment: Vibration checker
Total Amplitude:10g
Testing Time : 12 hours(20 minutes, 12 cycles each of 3
orientations)。
Test the quantity:15pcs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com