Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHP201208FA-R33M Datasheet(PDF) 4 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP201208FA-R33M
Description  Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP201208FA-R33M Datasheet(HTML) 4 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP201208FA-R33M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R33M Datasheet HTML 6Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-TECH
www.tai-tech.com.tw
P5
Item
Performance
Test Condition
Bending
Appearance:No damage.
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:within ±15% of initial value and shall not
exceed the specification value
Shall be mounted on a FR4 substrate of the
following dimensions: >=0805 inch(2012mm):40x100x1.2mm
<0805 inch(2012mm):40x100x0.8mm
Bending depth: >=0805 inch(2012mm):1.2mm
<0805 inch(2012mm):0.8mm
duration of 10 sec.
Shock
Solder ability
More than 95% of the terminal electrode should
be covered with solder
。
Preheat: 150℃,60sec.
。
Solder: Sn96.5% Ag3% Cu0.5%
Temperature: 245±5℃。
Flux for lead free: Rosin. 9.5%。
Dip time: 4±1sec。
Depth: completely cover the termination
Resistance to Soldering Heat
Appearance:No damage.
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:within ±15% of initial value and shall not
exceed the specification value e
Depth: completely cover the termination
Terminal
Strength
Preconditioning: Run through IR reflow for 2 times.( IPC/JEDEC
J-STD-020DClassification Reflow Profiles
With the component mounted on a PCB with the device to be
tested, apply a force(>0805:1kg , <=0805:0.5kg)to the side of a
device being tested. This force shall be applied for 60 +1 seconds.
Also the force shall be applied gradually as not to apply a shock to
the component being tested.
Temperature(°C) Time(s)
Temperature
ramp/immersion
and emersion rate
Number of
heat cycles
260 ±5
(solder temp)
10 ±1
25mm/s ±6 mm/s
1
Type
Peak
value
(g’s)
Normal
duration (D)
(ms)
Wave
form
Velocity
change
(Vi)ft/sec
SMD
50
11
Half-sine
11.3
Lead
50
11
Half-sine
11.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com