Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983CQTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6983CQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983CQTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6983CQTR Datasheet HTML 12Page - STMicroelectronics L6983CQTR Datasheet HTML 13Page - STMicroelectronics L6983CQTR Datasheet HTML 14Page - STMicroelectronics L6983CQTR Datasheet HTML 15Page - STMicroelectronics L6983CQTR Datasheet HTML 16Page - STMicroelectronics L6983CQTR Datasheet HTML 17Page - STMicroelectronics L6983CQTR Datasheet HTML 18Page - STMicroelectronics L6983CQTR Datasheet HTML 19Page - STMicroelectronics L6983CQTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Figure 10. LCM operation over loading condition (part 2-pulse skipping)
Figure 11. LCM operation over loading condition (part 3-pulse skipping)
L6983
Light-load operation
DS13116 - Rev 1
page 16/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com