Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983CQTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6983CQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983CQTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6983CQTR Datasheet HTML 25Page - STMicroelectronics L6983CQTR Datasheet HTML 26Page - STMicroelectronics L6983CQTR Datasheet HTML 27Page - STMicroelectronics L6983CQTR Datasheet HTML 28Page - STMicroelectronics L6983CQTR Datasheet HTML 29Page - STMicroelectronics L6983CQTR Datasheet HTML 30Page - STMicroelectronics L6983CQTR Datasheet HTML 31Page - STMicroelectronics L6983CQTR Datasheet HTML 32Page - STMicroelectronics L6983CQTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
8
Application notes
8.1
Programmable power up threshold
The enable rising threshold is equal to 1.2 V typical (refer to Table 6. Electrical characteristics). The power-up
threshold is adjusted according to the following equation:
VPower Up=1.2V∙ 1+REN HREN L
(28)
Figure 26. Leading network example
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
GND
VIN
RFSW
CVCC
CIN
REN H
REN L
CFILT
RFILT
The enable falling threshold is equal to 1.0 V typical (refer to Table 6. Electrical characteristics). The turn
threshold is obtained according to the following equation:
VPower Up=1.0V∙ 1+REN HREN L
(29)
8.2
External synchronization (available for low noise mode only)
The device allows a direct connection between a clock source and the EN/CLKIN pin.
Figure 27. External synchronization. Direct connection.
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
GND
VIN
RFSW
CVCC
CIN
Clock
Source
VPP
EXT. Clock(t)
CFILT
RFILT
The device internally implements a low-pass filter connected to EN/CLKIN pin that is able to acquire the average
value of the applied signal.
L6983
Application notes
DS13116 - Rev 1
page 29/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com