Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983NQTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6983NQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983NQTR Datasheet(HTML) 2 Page - STMicroelectronics

  L6983NQTR Datasheet HTML 1Page - STMicroelectronics L6983NQTR Datasheet HTML 2Page - STMicroelectronics L6983NQTR Datasheet HTML 3Page - STMicroelectronics L6983NQTR Datasheet HTML 4Page - STMicroelectronics L6983NQTR Datasheet HTML 5Page - STMicroelectronics L6983NQTR Datasheet HTML 6Page - STMicroelectronics L6983NQTR Datasheet HTML 7Page - STMicroelectronics L6983NQTR Datasheet HTML 8Page - STMicroelectronics L6983NQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
The EN pin provides enable/disable function. The typical shutdown current is 2 µA
when disabled. As soon as the EN pin is pulled up, the device is enabled and the
internal 1.3 ms soft-start takes place. The L6983 features Power Good open collector
that monitors the FB voltage. Pulse-by-pulse current sensing on both power elements
implements an effective constant current protection and thermal shutdown prevents
thermal run-away.
L6983
DS13116 - Rev 1
page 2/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com