Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983NQTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6983NQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983NQTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6983NQTR Datasheet HTML 27Page - STMicroelectronics L6983NQTR Datasheet HTML 28Page - STMicroelectronics L6983NQTR Datasheet HTML 29Page - STMicroelectronics L6983NQTR Datasheet HTML 30Page - STMicroelectronics L6983NQTR Datasheet HTML 31Page - STMicroelectronics L6983NQTR Datasheet HTML 32Page - STMicroelectronics L6983NQTR Datasheet HTML 33Page - STMicroelectronics L6983NQTR Datasheet HTML 34Page - STMicroelectronics L6983NQTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
CR1 capacitor is sometimes useful to increase the small signal phase margin (please refer to the Section
7 Closing the loop).
Figure 29. Application circuit
PGOOD
BOOT
SW
SW
VBIAS
VOUT/FB
PGND
PGND
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
E.P.
L6983
VOUT
GND
GND
VIN
R FSW
C VCC
CBOOT
RPGOOD
L
R1
R 2
COUT
CR1
CIN
CFILT
RFILT
8.4
Switching frequency
A resistor connected to the FSW pin features the selection of the switching frequency (refer to the Table 7. FSW
selection).
Connecting the resistor between the pins RFSW and VCC, the internal dithering circuit is turned on. (refer to the
Section 6.6 Spread spectrum).
8.5
Design of the power components
8.5.1
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage of the application.
During the switching activity a pulsed current flows into the input capacitor and so, its RMS current capability must
be selected according to the application conditions. Internal losses of the input filter depends on the ESR value so
usually low ESR capacitors (such as multilayer ceramic capacitors) have higher RMS current capability. On the
other hand, given the RMS current value, lower ESR input filter has lower losses and so contributes to higher
conversion efficiency.
The maximum RMS input current, flowing through the capacitor, can be calculated as follows:
IRMS=IOUT∙ 1−Dη ∙Dη
(33)
Where IOUT is the maximum DC output current, D is the duty cycles, η is the efficiency. This function has a
maximum at D = 0.5 and, considering η = 1, it is equal to IOUT/2. In a specific application, the range of possible
duty cycles has to be considered in order to find out the maximum RMS input current. The maximum and
minimum duty cycles can be calculated as:
DMAX= VOUT+∆VLOWSIDE
VINmin+∆VLOWSIDE−∆VHIGHSIDE
(34)
Dmin= VOUT+∆VLOWSIDE
VINMAX+∆VLOWSIDE−∆VHIGHSIDE
(35)
Where ΔVHIGHSIDE and ΔVLOWSIDE are the voltage drops across the embedded switches. The peak-to-peak
voltage across the input filter can be calculated as the equation below:
VPP= IOUT
CIN∙FSW∙ 1−Dη ∙Dη+ESR∙ IOUT+∆IL
(36)
L6983
Switching frequency
DS13116 - Rev 1
page 31/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com