Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HT1X
Description  HITAG 1 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT1X Datasheet(HTML) 4 Page - NXP Semiconductors

  HT1X Datasheet HTML 1Page - NXP Semiconductors HT1X Datasheet HTML 2Page - NXP Semiconductors HT1X Datasheet HTML 3Page - NXP Semiconductors HT1X Datasheet HTML 4Page - NXP Semiconductors HT1X Datasheet HTML 5Page - NXP Semiconductors HT1X Datasheet HTML 6Page - NXP Semiconductors HT1X Datasheet HTML 7Page - NXP Semiconductors HT1X Datasheet HTML 8Page - NXP Semiconductors HT1X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HT1X_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 10 December 2014
210531
4 of 9
NXP Semiconductors
HT1x
HITAG 1 transponder IC
7.
Functional description
7.1 Memory map
The 2 kbit memory area of the HITAG 1 transponder IC is divided into 16 blocks. Each
block comprises 4 pages with 4 bytes (1 byte = 8 bits) each. A page is the smallest access
unit.
Addressing is done pagewise (page 0 to 63) whereas access is gained either pagewise or
blockwise by entering the respective start address.
Block access is only available for blocks 2 to 15, page access is available for pages 0 to
63.
Areas (or settings) with light dark background can be configured by the customer within
the Configuration Page (page 1 of block 0).
Fig 2.
Memory map
aaa-000324
read only
read/write
write only
one time programmable
neither read nor write
Serial Number
ro
r/w or ro
Logdata 1B
Logdata 0A
Logdata 1A
Logdata 0B
Configuration
Key A
Key B
Block 1
Block 4
Block 7
Block 8
Block 15
user data
user data
user data
Block 0
Configuration of the memory is
done in the configuration page
secret
secret
or
public
public
public
r/w
or
OTP
r/w
or
0
wo or 0
r/w
secret
ro
r/w
wo
OTP
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com