Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HT1X
Description  HITAG 1 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT1X Datasheet(HTML) 1 Page - NXP Semiconductors

  HT1X Datasheet HTML 1Page - NXP Semiconductors HT1X Datasheet HTML 2Page - NXP Semiconductors HT1X Datasheet HTML 3Page - NXP Semiconductors HT1X Datasheet HTML 4Page - NXP Semiconductors HT1X Datasheet HTML 5Page - NXP Semiconductors HT1X Datasheet HTML 6Page - NXP Semiconductors HT1X Datasheet HTML 7Page - NXP Semiconductors HT1X Datasheet HTML 8Page - NXP Semiconductors HT1X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
General description
HITAG 1 based transponders are highly integrated and do not need any additional
components beside the external coil.
Data between Key (RWD) and transponder is transmitted bidirectionally, in Half Duplex
Mode. The HITAG 1 transponder IC offers also an encrypted data transmission.
The AntiCollision (AC) Mode, which is used mainly in long range operation, allows to
handle several transponders that are at the same time in the communication field of the
antenna, thus achieving highest operating reliability and permitting to handle several
transponders quickly and simultaneously.
The HITAG 1 transponder IC provides two protocol modes, Standard and Advanced
Mode. The Advanced Protocol Mode operates compared to the Standard Protocol Mode
with an increased number of Startbits and a 8-bit Cyclic Redundancy Check (CRC) sent
by the transponder IC at read operations.
HITAG 1 transponder IC offer a memory of 2 kbit.
2.
Features and benefits
Identification transponder for use in contactless applications
Operating frequency 125 kHz
Data transmission and energy supply via RF link, no internal battery
Non-volatile memory of 2 kbit
Organized in 64 pages, 4 bytes each
10 years non-volatile data retention
100000 erase/write cycles
Selective read/write protection of memory content
Mutual authentication function
3.
Applications
Logistics
Asset tracking
Gas cylinder ID
Industrial automation
HT1x
HITAG 1 transponder IC
Rev. 3.1 — 10 December 2014
210531
Product short data sheet
COMPANY PUBLIC


Similar Part No. - HT1X

ManufacturerPart #DatasheetDescription
logo
Weller Tools
HT1 WELLER-HT1 Datasheet
80Kb / 4P
Soldering Tips
logo
Tripp Lite. All Rights ...
HT1000UPS TRIPPLITE-HT1000UPS Datasheet
507Kb / 5P
Audio/Video Digital UPS
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
More results

Similar Description - HT1X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HT1DC20S30 PHILIPS-HT1DC20S30 Datasheet
55Kb / 8P
HITAG 1 stick transponder
2001 Sep 24
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
Entry Transponder IC
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
Controller Entry Transponder IC
logo
NXP Semiconductors
HT2DC20S20 NXP-HT2DC20S20 Datasheet
73Kb / 16P
HITAG 2 stick transponder
2001 Oct 01
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
HITAG S transponder IC
Rev. 3.1-11 December 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HTCICC64 NXP-HTCICC64 Datasheet
84Kb / 14P
HITAG 關 RO64 transponder IC
Rev. 3.2-20 October 2014
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
Security Transponder, HITAG 2
July 1998
HITAG NXP-HITAG Datasheet
781Kb / 44P
ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com