Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616LSG Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS616LSG
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS616LSG Datasheet HTML 1Page - Allegro MicroSystems ATS616LSG Datasheet HTML 2Page - Allegro MicroSystems ATS616LSG Datasheet HTML 3Page - Allegro MicroSystems ATS616LSG Datasheet HTML 4Page - Allegro MicroSystems ATS616LSG Datasheet HTML 5Page - Allegro MicroSystems ATS616LSG Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ATS616LSG
ATS616LSG-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC .....................................26.5 V*
Reverse-Supply Voltage, VRCC ........................–18 V
Output Off Voltage, VOUTOFF ............................24 V
Continuous Output Current, IOUT ...................25 mA
Reverse-Output Current, IROUT.......................50 mA
Operating Temperature
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
*See Power Derating section.
• Self-calibrating for tight timing accuracy
• First-tooth detection
• Immunity to air gap variation and system offsets
• Eliminates effects of signature tooth offsets
• Integrated capacitor provides analog peak and valley information
• Extremely low timing-accuracy drift with temperature changes
• Large air gap capability
• Small, integrated package
• Optimized magnetic circuit
• Undervoltage lockout (UVLO)
• Wide operating voltage range
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor
Use the following complete part numbers when ordering:
Part Number
Package
Packing*
ATS616LSGTN-T
4-pin plastic SIP
13-in. reel, 800 pieces/reel
*Contact Allegro for additional packaging and handling options.
Package SG, 4-pin SIP
Features and Benefits
12
34
The ATS616 gear-tooth sensor is a peak-detecting device that uses automatic gain
control and an integrated capacitor to provide extremely accurate gear edge detec-
tion down to low operating speeds. Each sensor module consists of a high-tem-
perature plastic shell that holds together a samarium-cobalt magnet, a pole piece,
and a differential open-collector Hall IC that has been optimized to the magnetic
circuit. This small package can be easily assembled and used in conjunction with a
wide variety of gear shapes and sizes.
The gear-sensing technology used for this sensor module is Hall-effect based. The
sensor incorporates a dual-element Hall IC that switches in response to differential
magnetic signals created by ferrous targets. The sophisticated processing circuitry
contains an A-to-D converter that self-calibrates (normalizes) the internal gain
of the device to minimize the effect of air-gap variations. The patented peak-
detecting filter circuit eliminates magnet and system offsets and has the ability to
discriminate relatively fast changes such as those caused by tilt, gear wobble, and
eccentricities. This easy-to-integrate solution provides first-tooth detection and
stable operation to extremely low rpm. The ATS616 can be used as a replacement
for the ATS612LSB, eliminating the external peak-holding capacitor needed by
the ATS612LSB.
The ATS616 is ideal for use in systems that gather speed, position, and timing
information using gear-tooth-based configurations. This device is particularly
suited to those applications that require extremely accurate duty cycle control or
accurate edge-detection, such as automotive camshaft sensing.
TheATS616 is provided in a 4-pin SIP that is Pb (lead) free, with a 100% matte
tin plated leadframe.
1. VCC
2. VOUT
3. Test Pin (Tie to GND)
4. GND


Similar Part No. - ATS616LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS616LSGTN-T ALLEGRO-ATS616LSGTN-T Datasheet
486Kb / 14P
The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to..
ATS616LSG ALLEGRO-ATS616LSG_10 Datasheet
486Kb / 14P
The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to..
More results

Similar Description - ATS616LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS617LSG ALLEGRO-ATS617LSG Datasheet
496Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS617 ALLEGRO-ATS617 Datasheet
494Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com