Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616LSG Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS616LSG
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS616LSG Datasheet HTML 1Page - Allegro MicroSystems ATS616LSG Datasheet HTML 2Page - Allegro MicroSystems ATS616LSG Datasheet HTML 3Page - Allegro MicroSystems ATS616LSG Datasheet HTML 4Page - Allegro MicroSystems ATS616LSG Datasheet HTML 5Page - Allegro MicroSystems ATS616LSG Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ATS616LSG-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS616LSG
OPERATING CHARACTERISTICS over operating voltage and temperature range, unless otherwise noted
Characteristic
Symbol
Test Condition
Min.
Typ.1
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage2
VCC
Operating, TJ < 165°C
3.5
–
24
V
Power-On State
POS
VCC = 0 → 5 V
–
HIGH
–
V
Undervoltage Lockout Threshold
VCC(UV) VCC = 0 → 5 V; VCC = 5 → 0 V
–
–
3.5
V
Output On Voltage
VOUT(SAT) IOUT = 20 mA
–
200
400
mV
Supply Zener Clamp Voltage
VZsupply ICC = 16 mA, TA = 25°C
28
–
–
V
Output Zener Clamp Voltage
VZoutput IOUT = 3 mA, TA = 25°C
30
–
–
V
Supply Zener Current
IZsupply
VS = 28 V
–
–
15
mA
Output Zener Current
IZoutput
VOUT = 30 V
–
–
3
mA
Output Current Limit
IOUTM
VOUT = 12 V
25
45
55
mA
Output Leakage Current
IOUTOFF VOUT = 24 V
–
–
15
μA
Supply Current
ICC
VCC > VCC(min)
3
6
12
mA
Power-On Time
tPO
VCC > 5 V
–
80
500
μs
Output Rise Time3
tr
RLOAD = 500 Ω, CS = 10 pF
–
0.3
5.0
μs
Output Fall Time3
tf
RLOAD = 500 Ω, CS = 10 pF
–
0.2
5.0
μs
PERFRORMANCE CHARACTERISTICS
Operating Air Gap Range
AG
Operating within specification, Target Speed > 10 rpm
0.4
–
2.5
mm
Operating Magnetic Flux Density
Differential4
BAG(p-p) Operating within specification, Target Speed > 10 rpm
60
–
–
G
Operating Frequency
ƒ
10
–
10 000
Hz
Initial Calibration Cycle5
ncal
Output edges before calibration is completed, at fsig<100Hz
1
1
1
Edge
Calibration Mode Disable
ndis
Output falling edges for startup calibration to be complete
64
64
64
Edge
Relative Timing Accuracy, Sequential
Eθ
Target Speed = 1000 rpm, BAG(p-p) > 100 G
–
±0.5
±0.75
(°)
Target Speed = 1000 rpm, BAG(p-p) > 60 G
–
–
±1.5
(°)
Allowable User Induced Differential Offset4
ΔBApp
Output switching only; may not meet data sheet specifica-
tions
–
–
±50
G
1Typical data is at VCC = 8 V and TA = 25°C. Performance may vary for individual units, within the specified maximum and minimum limits.
2 Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3 CS is the probe capacitance of the oscilloscope used to make the measurement.
4 10 G = 1 mT (millitesla), exactly.
5Non-uniform magnetic profiles may require additional edges before calibration is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com