Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS636LSE Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS636LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS636LSE Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS636LSE Datasheet HTML 7Page - Allegro MicroSystems ATS636LSE Datasheet HTML 8Page - Allegro MicroSystems ATS636LSE Datasheet HTML 9Page - Allegro MicroSystems ATS636LSE Datasheet HTML 10Page - Allegro MicroSystems ATS636LSE Datasheet HTML 11Page - Allegro MicroSystems ATS636LSE Datasheet HTML 12Page - Allegro MicroSystems ATS636LSE Datasheet HTML 13Page - Allegro MicroSystems ATS636LSE Datasheet HTML 14Page - Allegro MicroSystems ATS636LSE Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
Page 13 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
POWER DE-RATING – SE Package
Power De -Rating
Due to internal power consumption, the temperature of the
IC (junction temperature, TJ) is higher than the ambient
environment temperature, TA. To ensure that the device
does not operate above the maximum rated junction
temperature use the following calculations:
∆T=PD × RθJA
Where PD = VCC × ICC
∴ ∆T = VCC × ICC × RθJA
Where ∆T denotes the temperature rise resulting from the
IC’s power dissipation:
TJ = TA + ∆T
RθJA = 77°C/W
T J(max) = 165°C
Typical T J Calculation:
TA = 25°C, VCC = 5 V, ICC(on) = 5.5 mA
PD = VCC × ICC
PD = 5 V × 5.5 mA = 27.5 mW
∆T = PD × RθJA = 27.5 mW × 77°C/W = 2.0°
TJ = TA + ∆T = 25°C + 2.0°C = 27.0°C
Maximum Allowable Power Dissipation Calculation
TJ = TA + ∆T
TJ(max) = 165°C, if TA = 150°C then:
165 = 150 + ∆T
∆T = 15°C
DT = PD× RθJA (RθJA = 77°C/W)
\ PD(max) = 15°C / 77°C/W = 195 mW @ TA = 150°C
Maximum V CC for PD(max) =111 mW at T A=150°C
PD = VCC × ICC ICC = 10mA (max) at 150°C
VCC = PD / ICC = 195 mW / 5.5 mA = 35.4 V
0
500
1000
1500
2000
2500
3000
3500
4000
4500
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(RθJA = 77 ºC/W)
2-layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com