Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS636LSE Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS636LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS636LSE Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS636LSE Datasheet HTML 1Page - Allegro MicroSystems ATS636LSE Datasheet HTML 2Page - Allegro MicroSystems ATS636LSE Datasheet HTML 3Page - Allegro MicroSystems ATS636LSE Datasheet HTML 4Page - Allegro MicroSystems ATS636LSE Datasheet HTML 5Page - Allegro MicroSystems ATS636LSE Datasheet HTML 6Page - Allegro MicroSystems ATS636LSE Datasheet HTML 7Page - Allegro MicroSystems ATS636LSE Datasheet HTML 8Page - Allegro MicroSystems ATS636LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
Page 2 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS over operating voltage and junction temperature range
(unless otherwise noted)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage1
VCC
Operating
4.2
–
24
V
After programming
VCC = 0 à VCC(min), t > tON :
B < BOP ATS636
HIGH
HIGH
HIGH
–
Power-Up State
POS
B < BOP ATS635
LOW
LOW
LOW
–
Low Output Voltage
VOUT(SAT)
Output on, IOUT = 20 mA
–
175
400
mV
Output Current Limit2
IOUTM
Pulse test method
Output on
30
50
90
mA
Output Leakage Current
IOFF
Output off, VOUT = 24 V
–
–
10
µA
Output off (HIGH)
–
2.5
5.5
mA
Supply Current
ICC
Output on (LOW)
–
2.5
5.5
mA
Reverse Supply Current
IRCC
VRCC = -18V
–
–
-5
mA
Power-On Delay 3
tON
Output off; VCC > VCC(min)
–
35
50
µs
Output Rise Time
tr
RL = 820 Ω, CL = 10 pF
–
1.2
5
µs
Output Fall Time
tf
RL = 820 Ω, CL = 10 pF
–
1.2
5
µs
Sampling Frequency
fSample
-
–
250
-
kHz
Supply Zener Voltage
VZsupply
ICC = ICC(max) + 3 mA
TA = 25°C
28
–
–
V
Output Zener Voltage
VZOutput
IOUT = 3 mA
TA = 25°C
30
–
–
V
Supply Zener Current 4
IZsupply
VS = 28 V
–
–
8.5
mA
Output Zener Current
IZOutput
VO = 30 V
–
–
3
mA
Note: Typical data is at VCC = 12 V and TA = +25°C.
1 Do not exceed the maximum thermal junction temperature: see power de-rating curve.
2 Short circuit protection is not intended for continuous operation and is tested using pulses.
3 The power on delay is the time that is necessary before the output signal is valid
4 The maximum spec limit for this parameter is equivalent to ICC(max)+ 3 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com