Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV1500SDFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # DTV1500SDFP
Description  HIGH VOLTAGE DAMPER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500SDFP Datasheet(HTML) 2 Page - STMicroelectronics

  DTV1500SDFP Datasheet HTML 1Page - STMicroelectronics DTV1500SDFP Datasheet HTML 2Page - STMicroelectronics DTV1500SDFP Datasheet HTML 3Page - STMicroelectronics DTV1500SDFP Datasheet HTML 4Page - STMicroelectronics DTV1500SDFP Datasheet HTML 5Page - STMicroelectronics DTV1500SDFP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DTV1500SD
2/6
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 1.23 x IF(AV) + 0.045 IF
2
(RMS)
Table 6: Recovery Characteristics
Table 7: Turn-On Switching Characteristics
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case thermal resistance
5.8
°C/W
Symbol
Parameter
Test conditions
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
100
µA
Tj = 125°C
100
1000
VF **
Forward voltage drop
Tj = 25°C
IF = 6A
1.2
1.75
V
Tj = 125°C
1.1
1.5
Symbol
Parameter
Test conditions
Typ
Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 1A dIF/dt = -50 A/µs VR =30V
150
250
ns
IF = 100mA Irr = 10mA IR =100mA
1000
Symbol
Parameter
Test conditions
Typ
Max.
Unit
tfr
Forward recovery
time
Tj = 100°C
IF = 6A
dIF/dt = 80 A/µs
VFR = 3V
500
ns
VFP
Peak forward
voltage
Tj = 100°C
IF = 6A
dIF/dt = 80 A/µs
26
36
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com