Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV1500SDFP Datasheet(PDF) 5 Page - STMicroelectronics

Part # DTV1500SDFP
Description  HIGH VOLTAGE DAMPER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500SDFP Datasheet(HTML) 5 Page - STMicroelectronics

  DTV1500SDFP Datasheet HTML 1Page - STMicroelectronics DTV1500SDFP Datasheet HTML 2Page - STMicroelectronics DTV1500SDFP Datasheet HTML 3Page - STMicroelectronics DTV1500SDFP Datasheet HTML 4Page - STMicroelectronics DTV1500SDFP Datasheet HTML 5Page - STMicroelectronics DTV1500SDFP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DTV1500SD
5/6
Figure 10: TO-220FPAC Package Mechanical Data
H
L3
L2
L4
L6
G
G1
F
F1
D
E
L7
A
B
Dia
L5
Table 8: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
DTV1500SDFP
DTV1500SDFP
TO-220FPAC
1.8 g
50
Tube
Table 9: Revision History
Date
Revision
Description of Changes
05-Jul-2004
1
First issue.
25-Nov-2004
2
Table 3 page 1: Tstg and Tj from upgraded from 150°C to
175°C.
16-Mar-2005
3
IFpeak parameter included.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.204
G1
2.40
2.70
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9.00
9.30
0.354
0.366
Dia.
3
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com