Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85411AM Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85411AM
Description  Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85411AM Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85411AM Datasheet HTML 1Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 2Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 3Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 4Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 5Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 6Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 7Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 8Page - Integrated Circuit Systems ICS85411AM Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
85411AM
www.icst.com/products/hiperclocks.html
REV. B JUNE 16, 2004
1
Integrated
Circuit
Systems, Inc.
ICS85411
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVDS FANOUT BUFFER
GENERAL DESCRIPTION
The ICS85411 is a low skew, high performance
1-to-2 Differential-to-LVDS Fanout Buffer and a
member of the HiPerClockS™family of High
Perfor mance Clock Solutions from ICS. The
CLK, nCLK pair can accept most standard differ-
ential input levels.The ICS85411 is characterized to oper-
ate from a 3.3V power supply. Guaranteed output and
par t-to-par t skew character istics make the ICS85411
ideal for those clock distribution applications demand-
ing well defined perfor mance and repeatability.
FEATURES
• 2 differential LVDS outputs
• 1 differential CLK, nCLK clock input
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 650MHz
• Translates any single ended input signal to
LVDS levels with resistor bias on nCLK input
• Output skew: 20ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• Propagation delay: 2.5 ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85411
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
HiPerClockS™
ICS
VDD
CLK
nCLK
GND
8
7
6
5
Q0
nQ0
Q1
nQ1
CLK
nCLK


Similar Part No. - ICS85411AM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85411AMI IDT-ICS85411AMI Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS85411AMILF IDT-ICS85411AMILF Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS85411AMILFT IDT-ICS85411AMILFT Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS85411AMIT IDT-ICS85411AMIT Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
More results

Similar Description - ICS85411AM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com