Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1989913 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1989913
Description  PCB terminal block - PTSA 0,5/19-2,5-F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1989913 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1989913 Datasheet HTML 1Page - PHOENIX CONTACT 1989913 Datasheet HTML 2Page - PHOENIX CONTACT 1989913 Datasheet HTML 3Page - PHOENIX CONTACT 1989913 Datasheet HTML 4Page - PHOENIX CONTACT 1989913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1989913
08/26/2014   Page 4 / 5
PCB terminal block - PTSA 0,5/19-2,5-F - 1989913
Approvals
cUL Recognized 
 
 
B
D
mm²/AWG/kcmil
26-20
26-20
Nominal current IN
2 A
2 A
Nominal voltage UN
150 V
300 V
CCA 
 
 
mm²/AWG/kcmil
0.5
Nominal current IN
2 A
GOST 
cULus Recognized 
Drawings
Drilling diagram
1
2,5
The illustration shows the 5-pos. version
Diagram
1
2
100
80
60
40
20
0
4
3
0
1 =0,5mm
2
1
Ambienttemperature[°C]
Derating diagram for 5 pins;reduction factor=1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com