Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1989913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1989913
Description  PCB terminal block - PTSA 0,5/19-2,5-F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1989913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1989913 Datasheet HTML 1Page - PHOENIX CONTACT 1989913 Datasheet HTML 2Page - PHOENIX CONTACT 1989913 Datasheet HTML 3Page - PHOENIX CONTACT 1989913 Datasheet HTML 4Page - PHOENIX CONTACT 1989913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1989913
08/26/2014   Page 1 / 5
PCB terminal block - PTSA 0,5/19-2,5-F - 1989913
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 2 A, Nom. voltage: 250 V, Pitch: 2.5 mm, Number of positions: 19,
Connection method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: green, Soldering legs in front area, one-rowed
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
8.0 GRM
Custom tariff number
85369010
Country of origin
Poland
Technical data
Dimensions
Length
12 mm
Height
13.1 mm
Pitch
2.5 mm
Dimension a
45 mm
Pin dimensions
0,4 x 0,75
Pin spacing
2.5 mm
Hole diameter
1 mm
General
Range of articles
PTSA 0,5
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
63 V


Similar Part No. - 1989913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1989900 PHOENIX-1989900 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/18-2,5-F
1989926 PHOENIX-1989926 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/20-2,5-F
1989939 PHOENIX-1989939 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/21-2,5-F
1989942 PHOENIX-1989942 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/22-2,5-F
1989955 PHOENIX-1989955 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/23-2,5-F
More results

Similar Description - 1989913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1989793 PHOENIX-1989793 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/ 7-2,5-F
1989832 PHOENIX-1989832 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/11-2,5-F
1989845 PHOENIX-1989845 Datasheet
81Kb / 5P
PCB terminal block - PTSA 0,5/12-2,5-F
1989858 PHOENIX-1989858 Datasheet
133Kb / 8P
PCB terminal block - PTSA 0,5/13-2,5-F
1989874 PHOENIX-1989874 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/15-2,5-F
1989890 PHOENIX-1989890 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/17-2,5-F
1989926 PHOENIX-1989926 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/20-2,5-F
1989955 PHOENIX-1989955 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/23-2,5-F
1989803 PHOENIX-1989803 Datasheet
413Kb / 11P
PCB terminal block - PTSA 0,5/ 8-2,5-F
Sep 8, 2022
1989751 PHOENIX-1989751 Datasheet
340Kb / 9P
PCB terminal block - PTSA 0,5/ 3-2,5-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com