Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4089CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4089CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL4089CS Datasheet HTML 1Page - Intersil Corporation EL4089CS Datasheet HTML 2Page - Intersil Corporation EL4089CS Datasheet HTML 3Page - Intersil Corporation EL4089CS Datasheet HTML 4Page - Intersil Corporation EL4089CS Datasheet HTML 5Page - Intersil Corporation EL4089CS Datasheet HTML 6Page - Intersil Corporation EL4089CS Datasheet HTML 7Page - Intersil Corporation EL4089CS Datasheet HTML 8Page - Intersil Corporation EL4089CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7158
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL4089
DC Restored Video Amplifier
The EL4089 is an 8-pin complete DC-
restored monolithic video amplifier
sub-system. It contains a high quality
video amplifier and a nulling, sample-and-hold amplifier
specifically designed to stabilize video performance.
When the HOLD logic input is set to a TTL/CMOS logic 0,
the sample - and - hold amplifier can be used to null the DC
offset of the video amplifier.
When the HOLD input goes to a TTL/CMOS logic l, the
correcting voltage is stored on the video amplifier’s input
coupling capacitor. The correction voltage can be further
corrected as need be, on each video line.
The video amplifier is optimized for video performance and
low power. Its current feedback design allows the user to
maintain essentially the same bandwidth over a gain range
of nearly 10:1. The amplifier drives back-terminated 75
Ω
lines.
The EL4089 is fabricated in Elantec’s proprietary
Complementary Bipolar process which produces NPN and
PNP transistors with equivalent AC and DC performance.
The EL4089 is specified for operation over -40°C to +85°C
temperature range.
Pinout
Features
• Complete video level restoration system
• 0.02% differential gain and 0.05° differential phase
accuracy at NTSC
• 60MHz bandwidth
• 0.1dB flatness to 10MHz
•VS = ±5V to ±15V
• TTL/CMOS hold signal
Applications
• Input amplifier in video equipment
• Restoration amplifier in video mixers
DC Restoring Amplifier with a gain of 2, restoring to ground
EL4089
(8-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL4089CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL4089CS
-40°C to +85°C
8-Pin SO
MDP0027
Data Sheet
July 1998, Rev C


Similar Part No. - EL4089CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4089CS ELANTEC-EL4089CS Datasheet
211Kb / 8P
DC Restored Video Amplifier
logo
Renesas Technology Corp
EL4089CS RENESAS-EL4089CS Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results

Similar Description - EL4089CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
100MHz DC-Restored Video Amplifier
August 1995
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
DC-Restored Video Amplifier
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
300MHz DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com