Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4089CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4089CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL4089CS Datasheet HTML 1Page - Intersil Corporation EL4089CS Datasheet HTML 2Page - Intersil Corporation EL4089CS Datasheet HTML 3Page - Intersil Corporation EL4089CS Datasheet HTML 4Page - Intersil Corporation EL4089CS Datasheet HTML 5Page - Intersil Corporation EL4089CS Datasheet HTML 6Page - Intersil Corporation EL4089CS Datasheet HTML 7Page - Intersil Corporation EL4089CS Datasheet HTML 8Page - Intersil Corporation EL4089CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NOTES:
1. For current feedback amplifiers, AVOL = ROL/RIN-.
2. VCM = ±10V for VS = ±15V.
3. Measured from S/H Input to amplifier output, while restoring.
4. VOS is measured at VS = ±4.5V and VS = ±16V, both supplies are changed simultaneously.
Absolute Maximum Ratings (TA = 25°C)
Voltage between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33V
Voltage between VIN+, S/HIN+,and GND pins . . (V+) +0.5V to (V-) -0.5V
VOUT Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
Current into VIN- and HOLD Pins . . . . . . . . . . . . . . . . . . . . . . . 5mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature Range . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature Plastic DIP or SOL. . . . . . . . 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
Provisional Supplies at ±15V, Load = 1k
Ω; TA = +25°C
PARAMETER
DESCRIPTION
TEMP
MIN
TYP
MAX
UNITS
AMPLIFIER SECTION (HOLD = 5V)
VOS
Input Offset Voltage
+25°C
12
25
mV
Ib+
IN+ Input Bias Current
+25°C
1
5
µA
Ib-
IN- Input Bias Current
+25°C
18
150
µA
ROL
Transimpedance (Note 1)
+25°C
180
800
k
Ω
RIN-
IN- Resistance
+25°C
20
Ω
CMRR
Common Mode Rejection Ratio (Note 2)
+25°C
44
60
dB
VO
Output Voltage Swing
+25°C
±12
±13
V
ISC
Short Circuit Current
(IN+ Only Driven to 0.5V)
+25°C
45
100
mA
RESTORE SECTION
VOS, Comp
Composite Input Offset Voltage (Note 3)
+25°C
3
7
mV
Ib+, r
Restore In+ Input Bias Current
+25°C
3
12
µA
IOUT
Restoring Current Available
+25°C
180
300
µA
CMRR
Common Mode Rejection Ratio (Note 2)
+25°C
60
70
dB
PSRR
Power Supply Rejection Ratio (Note 4)
+25°C
60
90
dB
VTHRESHOLD
HOLD Logic Threshold
+25°C
0.8
2.0
V
IIH, Hold
HOLD Input Current @ Logic High
+25°C
1
5
µA
IIL, Hold
HOLD Input Current @ Logic Low
+25°C
5
15
µA
SUPPLY CURRENT
Isy, Hold
Supply Current (HOLD = 5V)
+25°C
4.8
6.0
9.0
mA
Isy, Sampling
Supply Current (HOLD = 0V)
+25°C
5.0
6.5
11.0
mA
EL4089



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com