Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL4MD-V-R Datasheet(PDF) 3 Page - Neutrik AG

Part # NL4MD-V-R
Description  4 pole chassis connector, red D-size flange, countersunk thruholes, vertical PCB mount.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NL4MD-V-R Datasheet(HTML) 3 Page - Neutrik AG

  NL4MD-V-R Datasheet HTML 1Page - Neutrik AG NL4MD-V-R Datasheet HTML 2Page - Neutrik AG NL4MD-V-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Environmental
Flammability
UL 94 HB
Solderability
Complies with IEC 68-2-20
Temperature range
-30 °C to +80 °C
NL4MD-V-R
3
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com