Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL4MD-V-R Datasheet(PDF) 1 Page - Neutrik AG

Part # NL4MD-V-R
Description  4 pole chassis connector, red D-size flange, countersunk thruholes, vertical PCB mount.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NL4MD-V-R Datasheet(HTML) 1 Page - Neutrik AG

  NL4MD-V-R Datasheet HTML 1Page - Neutrik AG NL4MD-V-R Datasheet HTML 2Page - Neutrik AG NL4MD-V-R Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NL4MD-V-R
4 pole chassis connector, red D-size flange, countersunk thru
holes, vertical PCB mount. The red color is a differentiating
factor to indicate for instance bridging or crossover connections.
The speakON panel mount connectors are the standard chassis
connectors for loudspeaker / amplifier interconnections. They
feature a unique metal locking system, making contact only once
fully locked. The speakON receptacles are robust, versatile and
easy to terminate.
Features & Benefits
Current rating 30 A rms
Glass reinforced materials make it extremely robust
and dependable
Precise keyway for secure mating
Accurate twist lock latching system
Metal insert in locking area
Airtight design - optimized for speaker applications
NL4MD-V-R
1
/3


Similar Part No. - NL4MD-V-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL4MD-V-1 NEUTRIK-NL4MD-V-1 Datasheet
92Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), vertical PCB mount
NL4MD-V-2 NEUTRIK-NL4MD-V-2 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, mirrored self tapping screw holes (A-screw), vertical PCB mount
NL4MD-V-S NEUTRIK-NL4MD-V-S Datasheet
72Kb / 3P
4 pole chassis connector, black D-size flange, self tapping screw holes (A-screw), switchable version of NL4MD-V with 8 vertical PCB contacts (4 switching contacts).
More results

Similar Description - NL4MD-V-R

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL4MD-H-1 NEUTRIK-NL4MD-H-1 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, horizontal PCB mount
NL4MD-V NEUTRIK-NL4MD-V Datasheet
63Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, vertical PCB mount
NL4MD-V-1 NEUTRIK-NL4MD-V-1 Datasheet
92Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), vertical PCB mount
NL4MP NEUTRIK-NL4MP Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, 3/16" flat tabs
NL4MP-ST NEUTRIK-NL4MP-ST Datasheet
69Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, screw termination. This chassis connector is not airtight.
NL8MD-V NEUTRIK-NL8MD-V Datasheet
114Kb / 3P
8 pole chassis connector, nickel metal square G-size flange, countersunk thru holes, vertical PCB mount
NL8MD-V-BAG NEUTRIK-NL8MD-V-BAG Datasheet
72Kb / 3P
8 pole chassis connector, black chrome square G-size flange, countersunk thru holes, vertical PCB mount
NL2MD-H NEUTRIK-NL2MD-H Datasheet
121Kb / 2P
2 pole chassis connector, gray D-size flange, countersunk thru holes, horizontal PCB.
NL2MD-V NEUTRIK-NL2MD-V Datasheet
72Kb / 2P
2 pole chassis connector, black D-size flange, countersunk thru holes, vertical PCB mount.
NL2MP NEUTRIK-NL2MP Datasheet
66Kb / 2P
2 pole chassis connector, black D-size flange, countersunk thruholes, 3/16" flat tabs.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com