Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS72 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS72
Description  SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS72 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS72 Datasheet HTML 2Page - Texas Instruments SN74HCS72 Datasheet HTML 3Page - Texas Instruments SN74HCS72 Datasheet HTML 4Page - Texas Instruments SN74HCS72 Datasheet HTML 5Page - Texas Instruments SN74HCS72 Datasheet HTML 6Page - Texas Instruments SN74HCS72 Datasheet HTML 7Page - Texas Instruments SN74HCS72 Datasheet HTML 8Page - Texas Instruments SN74HCS72 Datasheet HTML 9Page - Texas Instruments SN74HCS72 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
SN74HCS72
SCLS801 – FEBRUARY 2020
www.ti.com
Product Folder Links: SN74HCS72
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.7 Timing Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See
Parameter Measurement Information.
PARAMETER
VCC
MIN
TYP
MAX
UNIT
fclock
Clock frequency
2 V
20
MHz
4.5 V
64
6 V
74
tw
Pulse duration
PRE or CLR low
2 V
8
7
ns
4.5 V
7
5
6 V
7
5
CLK high or low
2 V
10
5
ns
4.5 V
9
3
6 V
8
2
tsu
Setup time before CLK low
Data
2 V
16
11
ns
4.5 V
6
1
6 V
3
1
PRE or CLR inactive
2 V
7
ns
4.5 V
0
6 V
0
th
Hold time
Data after CLK
↓
2 V
5
ns
4.5 V
3
6 V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com