Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS72 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS72
Description  SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS72 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS72 Datasheet HTML 1Page - Texas Instruments SN74HCS72 Datasheet HTML 2Page - Texas Instruments SN74HCS72 Datasheet HTML 3Page - Texas Instruments SN74HCS72 Datasheet HTML 4Page - Texas Instruments SN74HCS72 Datasheet HTML 5Page - Texas Instruments SN74HCS72 Datasheet HTML 6Page - Texas Instruments SN74HCS72 Datasheet HTML 7Page - Texas Instruments SN74HCS72 Datasheet HTML 8Page - Texas Instruments SN74HCS72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS72
SCLS801 – FEBRUARY 2020
SN74HCS72 Schmitt-Trigger Input Dual D-Type
Negative-Edge-Triggered Flip-Flops With Clear and Preset
1
1 Features
1
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
•
Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
•
Convert a momentary switch to a toggle switch
•
Input slow edge-rate signals
•
Operate in noisy environments
•
Enable CAN Controller Power with wake-up
pattern
3 Description
This
device
contains
two
independent
D-type
negative-edge-triggered flip-flops. All inputs include
Schmitt-triggers, allowing for slow or noisy input
signals. A low level at the preset (PRE) input sets the
output high. A low level at the clear (CLR) input
resets the output low. Preset and clear functions are
asynchronous and not dependent on the levels of the
other inputs. When PRE and CLR are inactive (high),
data at the data (D) input meeting the setup time
requirements is transferred to the outputs (Q, Q) on
the negative-going edge of the clock (CLK) pulse.
Following the hold-time interval, data at the data (D)
input can be changed without affecting the levels at
the outputs (Q, Q).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS72PWR
TSSOP (14)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS72 TI1-SN74HCS72 Datasheet
1,010Kb / 23P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72 TI2-SN74HCS72 Datasheet
693Kb / 25P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
REVISED JUNE 2020
SN74HCS72 TI2-SN74HCS72 Datasheet
686Kb / 25P
SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
OCTOBER 2019
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
424Kb / 21P
SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
1,010Kb / 23P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
More results

Similar Description - SN74HCS72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC112 TI-SNJ54HC112 Datasheet
430Kb / 13P
DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HCS74-Q1 TI1-SN74HCS74-Q1 Datasheet
326Kb / 19P
Automotive Qualified Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
424Kb / 21P
SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI1-SN74HCS74 Datasheet
373Kb / 20P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI1-SN74HCS74_V01 Datasheet
1Mb / 24P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72 TI1-SN74HCS72_V01 Datasheet
1,010Kb / 23P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI-SN74HCS74_V02 Datasheet
1Mb / 25P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI-SN74HCS74-Q1_V02 Datasheet
1Mb / 25P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI-SN74HCS74-Q1_V03 Datasheet
2Mb / 32P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
SN74HCS74 TI-SN74HCS74_V03 Datasheet
2Mb / 32P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com