Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7761CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7761CS
Description  100V Half Bridge Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7761CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL7761CS Datasheet HTML 1Page - Intersil Corporation EL7761CS Datasheet HTML 2Page - Intersil Corporation EL7761CS Datasheet HTML 3Page - Intersil Corporation EL7761CS Datasheet HTML 4Page - Intersil Corporation EL7761CS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AC Electrical Specifications
TA = 25°C, VDD = 15V, CLOAD = 1000pF, unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 500pF
CL = 1000pF
15.0
20.0
40.0
ns
tF
Fall Time
CL = 500pF
CL = 1000pF
15.0
20.0
40.0
ns
tD ON HI
High Side Turn On Delay Time
DSET = VDD
RSET = 5.1k
RSET = 400k
50.0
75.0
750.0
100.0
125.0
1150.0
150.0
200.0
1500.0
ns
tD ON LO
Low Side Turn On Delay Time
DSET = VDD
RSET = 5.1k
RSET = 400k
50.0
75.0
750.0
100.0
125.0
1150.0
150.0
200.0
1500.0
ns
tD OFF HI
High Side Turn Off Delay Time
DSET = VDD
100.0
150.0
ns
tD OFF LO
Low Side Turn Off Delay Time
DSET = VDD
100.0
150.0
ns
tD MISMATCH
High to Lo Side Turn On Delay Mismatch
RSET = 400k
±10.0
%
Pin Descriptions
PIN #
NAME
FUNCTION
1VHI
Positive supply for the high side driver.
2NC
3R-
Internal connection between the low side and high side driver. This pin is normally unconnected.
4POL
Controls the polarity of the low side driver.
5INHI
Logic input for the high side driver.
6INLO
Logic input for the low side driver.
7DSET
Connection for the delay adjust resistor.
8
EN
A high voltage on this pin enables the part.
9
GND
Negative supply of the low side driver and control circuitry.
10
NLO
Low side driver output pull down.
11
PLO
Low side driver output pull up.
12
VDD
Positive supply of the low side driver and control circuitry.
13
R+
Internal connection between the low side and high side driver. This pin is normally unconnected.
14
LX
Negative supply for the high side driver.
15
NHI
High side driver output pull down.
16
PHI
High side driver output pull up.
EL7761



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com