Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7761CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7761CS
Description  100V Half Bridge Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7761CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL7761CS Datasheet HTML 1Page - Intersil Corporation EL7761CS Datasheet HTML 2Page - Intersil Corporation EL7761CS Datasheet HTML 3Page - Intersil Corporation EL7761CS Datasheet HTML 4Page - Intersil Corporation EL7761CS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
®
FN7299
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL7761
100V Half Bridge Driver
The EL7761 provides a low cost
solution to many half bridge
applications. The EL7761 is DC
coupled so that there are no start up problems associated
with AC coupled schemes. A single resistor from DSET to
GND provides “dead time” programmability. Shorting DSET
to VDD gives the shortest delay (~100ns).
The POL pin controls the polarity of the low side driver. The
polarity of the upper driver is always inverting. The EN pin,
when low, forces the high and low side outputs into their low
state.
Pinout
Features
• 100V High Side Voltage
• Programmable Delay
• Direct Coupled
• No Start Up Ambiguity
• Rail to Rail Output
• 1MHz Operation
• Shutdown Function
• 1.0 Amp Peak Current
• Improved Response Times
• Matched Rise and Fall Times
• Low Supply Current
• Low Output Impedance
• Low Input Capacitance
Applications
• Uninterruptible Power Supplies
• Distributed Power Systems
• IGBT Drive
• DC-DC Converters
• Motor Control
• Power MOSFET Drive
• Switch Mode Power Supplies
NOTE: Contact factory
EL7761 WAVEFORM EXAMPLE
TDLO = TDHI
POL = VDD
EL7761
(16-PIN PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL7761CN
-40°C to +85°C
16-Pin PDIP
MDP0031
EL7761CS
-40°C to +85°C
16-Pin SOIC
MDP0027(Note)
POL
POLARITY
Low Side
GND
VDD
Inverting
Non-Inverting
Hi Side
X
Inverting
Data Sheet
January 1996, Rev C
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tech
nica
l Su
ppo
rt Ce
nter
at
1-88
8-IN
TER
SIL
or w
ww.
inter
sil.c
om/
tsc


Similar Part No. - EL7761CS

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EL7 LEADSHINE-EL7 Datasheet
1Mb / 29P
EL7-EC Series AC Servo Drives - 220V
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
EL7104 INTERSIL-EL7104 Datasheet
190Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
July 6, 2006
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
High Speed, Single Channel, Power MOSFET Drivers
More results

Similar Description - EL7761CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
100V / 1.4A Peak Half Bridge Gate Driver
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
logo
Monolithic Power System...
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com