Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3135 Datasheet(PDF) 2 Page - Microchip Technology

Part # DN3135
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3135 Datasheet(HTML) 2 Page - Microchip Technology

  DN3135 Datasheet HTML 1Page - Microchip Technology DN3135 Datasheet HTML 2Page - Microchip Technology DN3135 Datasheet HTML 3Page - Microchip Technology DN3135 Datasheet HTML 4Page - Microchip Technology DN3135 Datasheet HTML 5Page - Microchip Technology DN3135 Datasheet HTML 6Page - Microchip Technology DN3135 Datasheet HTML 7Page - Microchip Technology DN3135 Datasheet HTML 8Page - Microchip Technology DN3135 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DN3135
DS20005703A-page 2
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-source Voltage........................................................................................................................................ BVDSX
Drain-to-gate Voltage ........................................................................................................................................... BVDGX
Gate-to-source Voltage ........................................................................................................................................... ±20V
Operating Ambient Temperature, TA ................................................................................................... –55°C to +150°C
Storage Temperature, TS...................................................................................................................... –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS 1
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-source Breakdown
Voltage
BVDSX
350
—
—
V
VGS = –5V, ID = 100 µA
Gate-to-source Off Voltage
VGS(OFF)
–1.5
—
–3.5
V
VDS = 15V, ID = 10 µA
Change in VGS(OFF) with
Temperature
∆VGS(OFF)
—
—
–4.5
mV/°C VDS = 15V, ID = 10 µA (Note 2)
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±20V, VDS = 0V
Drain-to-source Leakage Current
ID(OFF)
—
—
1
µA
VDS = Max rating, VGS = –5V
—
—
1
mA
VDS = 0.8 Max Rating,
VGS = –5V, TA = 125°C (Note 2)
Saturated Drain-to-source Current
IDSS
180
—
—
mA
VGS = 0V, VDS = 15V
Static Drain-to-source On-state
Resistance
RDS(ON)
—
—
35
Ω
VGS = 0V, ID = 150 mA
Change in RDS(ON) with
Temperature
∆RDS(ON)
—
—
1.1
%/°C
VGS = 0V, ID = 150 mA (Note 2)
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty
cycle.
2: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com