Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3135 Datasheet(PDF) 3 Page - Microchip Technology

Part # DN3135
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3135 Datasheet(HTML) 3 Page - Microchip Technology

  DN3135 Datasheet HTML 1Page - Microchip Technology DN3135 Datasheet HTML 2Page - Microchip Technology DN3135 Datasheet HTML 3Page - Microchip Technology DN3135 Datasheet HTML 4Page - Microchip Technology DN3135 Datasheet HTML 5Page - Microchip Technology DN3135 Datasheet HTML 6Page - Microchip Technology DN3135 Datasheet HTML 7Page - Microchip Technology DN3135 Datasheet HTML 8Page - Microchip Technology DN3135 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS 2
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
140
—
—
mmho VDS = 10V, ID = 100 mA
Input Capacitance
CISS
—
60
120
pF
VGS = –5V, 
VDS = 25V,
f = 1 MHz
Common Source Output
Capacitance
COSS
—
6
15
Reverse Transfer Capacitance
CRSS
—
3
10
Turn-on Delay Time
td(ON)
—
—
10
ns
VDD = 25V, 
ID = 150 mA,
RGEN = 25Ω, 
VGS = 0V to –10V
Rise Time
tr
—
—
15
Turn-off Delay Time
td(OFF)
—
—
15
Fall Time
tf
—
—
20
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.8
V
VGS = –5V, ISD = 150 mA
(Note 1)
Reverse Recovery Time
trr
—
800
—
ns
VGS = –5V, ISD = 150 mA
(Note 2)
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty
cycle.
2: Specification is obtained by characterization and is not 100% tested.
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
SOT-23
JA
—
203
—
°C/W
SOT-89
JA
—
133
—
°C/W
THERMAL CHARACTERISTICS
Package
ID( 1)
(Continuous)
(mA)
ID
(Pulsed)
(mA)
Power Dissipation at
TA = 25°C
(W)
IDR( 1)
(mA)
IDRM
(mA)
SOT-23
72
300
0.36
72
300
SOT-89
135
300
1.3( 2)
135
300
Note 1: ID (continuous) is limited by maximum TJ.
2: Mounted on FR4 board, 25 mm x 25 mm x 1.57 mm
 2017 Microchip Technology Inc.
DS20005703A-page 3
DN3135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com