Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3525 Datasheet(PDF) 2 Page - Microchip Technology

Part # DN3525
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3525 Datasheet(HTML) 2 Page - Microchip Technology

  DN3525 Datasheet HTML 1Page - Microchip Technology DN3525 Datasheet HTML 2Page - Microchip Technology DN3525 Datasheet HTML 3Page - Microchip Technology DN3525 Datasheet HTML 4Page - Microchip Technology DN3525 Datasheet HTML 5Page - Microchip Technology DN3525 Datasheet HTML 6Page - Microchip Technology DN3525 Datasheet HTML 7Page - Microchip Technology DN3525 Datasheet HTML 8Page - Microchip Technology DN3525 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DN3525
DS20005705A-page 2
 2018 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-Source Voltage....................................................................................................................................... BVDSX
Drain-to-Gate Voltage .......................................................................................................................................... BVDGX
Gate-to-Source Voltage ......................................................................................................................................... ±20V
Operating Ambient Temperature, TA .................................................................................................... –55°C to +150°C
Storage Temperature, TS ..................................................................................................................... –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All DC parameters are 100% tested at 25°C unless
otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-Source Breakdown
Voltage
BVDSX
250
—
—
V
VGS = –5V, ID = 100 µA
Gate-to-Source Off Voltage
VGS(OFF)
–1.5
—
–3.5
V
VDS = 15V, ID = 1 mA
Change in VGS(OFF) with
Temperature
∆VGS(OFF)
—
—
–4.5
mV/°C VDS = 15V, ID = 1 mA (Note 1)
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±20 V, VDS = 0V
Drain-to-Source Leakage Current
ID(OFF)
—
—
1
µA
VDS = Maximum rating,
VGS = –5V
—
—
1
mA
VDS = 0.8 Maximum rating,
VGS = –5V, TA = 125°C (Note 1)
Saturated Drain-to-Source Current
IDSS
300
—
—
mA
VGS = 0V, VDS = 15V
Static Drain-to-Source On-State
Resistance
RDS(ON)
—
—
6
Ω
VGS = 0V, ID = 200 mA
Change in RDS(ON) with
Temperature
∆RDS(ON)
—
—
1.1
%/°C
VGS = 0V, ID = 200 mA (Note 1)
Note 1: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com